Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBA5251K Datasheet(PDF) 2 Page - VBsemi Electronics Co.,Ltd

Part # VBA5251K
Description  N- and P-Channel 100 V (D-S) MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VBA5251K Datasheet(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  VBA5251K Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VBA5251K Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VBA5251K Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VBA5251K Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VBA5251K Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VBA5251K Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VBA5251K Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd VBA5251K Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd VBA5251K Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
N-Ch
250
-
-
V
VGS = 0 V, ID = -250 μA
P-Ch
-250
-
-
VDS Temperature Coefficient
V
DS/TJ
ID = 250 μA
N-Ch
-
70
-
mV/°C
ID = -250 μA
P-Ch
-
-103
-
VGS(th) Temperature Coefficient
V
GS(th)/TJ
ID = 250 μA
N-Ch
-
-5.7
-
ID = -250 μA
P-Ch
-
4.5
-
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
N-Ch
1.5
-
2.5
V
VDS = VGS, ID = -250 μA
P-Ch
-1.5
-
-2.5
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
N-Ch
-
-
100
nA
P-Ch
-
-
-100
Zero Gate Voltage Drain Current
IDSS
VDS = 100 V, VGS = 0 V
N-Ch
-
-
1
μA
VDS = -100 V, VGS = 0 V
P-Ch
-
-
-1
VDS = 100 V, VGS = 0 V, TJ = 55 °C
N-Ch
-
-
10
VDS = -100 V, VGS = 0 V, TJ = 55 °C
P-Ch
-
-
-10
On-State Drain Current b
ID(on)
VDS = 5 V, VGS = 10 V
N-Ch
10
-
-
A
VDS = -5 V, VGS = -10 V
P-Ch
-10
-
-
Drain-Source On-State Resistance b
RDS(on)
VGS = 10 V, ID = 2 A
N-Ch
-
0.0
95
VGS = -10 V, ID = -2 A
P-Ch
-
0.
243
VGS = 4.5 V, ID = 1.5 A
N-Ch
-
0.
135
VGS = -4.5 V, ID = -1 A
P-Ch
-
0.
285
Forward Transconductance b
gfs
VDS = 15 V, ID = 2 A
N-Ch
-
9
-
S
VDS = -15 V, ID = -2 A
P-Ch
-
9.3
-
Dynamic a
Input Capacitance
Ciss
N-Channel
VDS = 50 V, VGS = 0 V, f = 1 MHz
P-Channel
VDS = -50 V, VGS = 0 V, f = 1 MHz
N-Ch
-
360
-
pF
P-Ch
-
650
-
Output Capacitance
Coss
N-Ch
-
130
-
P-Ch
-
65
-
Reverse Transfer Capacitance
Crss
N-Ch
-
20
-
P-Ch
-
40
-
Total Gate Charge
Qg
VDS = 50 V, VGS = 10 V, ID = 2.5 A
N-Ch
-
7.5
11.5
nC
VDS = -50 V, VGS = -10 V, ID = -2.3 A
P-Ch
-
24
36
N-Channel
VDS = 50 V, VGS = 4.5 V, ID = 2.5 A
P-Channel
VDS = -50 V, VGS = -4.5 V, ID = -2 A
N-Ch
-
4
6
P-Ch
-
11.6
18
Gate-Source Charge
Qgs
N-Ch
-
1.2
-
P-Ch
-
3.8
-
Gate-Drain Charge
Qgd
N-Ch
-
2
-
P-Ch
-
5
-
Gate Resistance
Rg
f = 1 MHz
N-Ch
0.6
3.3
6.6
P-Ch
3
13
26
VBA5251K
www.VBsemi.com
2
-
-
-
-
-
服务热线:400-655-8788



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com