Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3880 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3880
Description  Power Sequencer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3880 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM3880 Datasheet HTML 9Page - National Semiconductor (TI) LM3880 Datasheet HTML 10Page - National Semiconductor (TI) LM3880 Datasheet HTML 11Page - National Semiconductor (TI) LM3880 Datasheet HTML 12Page - National Semiconductor (TI) LM3880 Datasheet HTML 13Page - National Semiconductor (TI) LM3880 Datasheet HTML 14Page - National Semiconductor (TI) LM3880 Datasheet HTML 15Page - National Semiconductor (TI) LM3880 Datasheet HTML 16Page - National Semiconductor (TI) LM3880 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Operation Description
DEVICE INFORMATION
The LM3686 incorporates a high efficiency synchronous
switching step-down DC-DC converter, a very low dropout
linear regulator (LILO), and ultra low noise linear regulator.
The DC-DC converter delivers a constant voltage from a sin-
gle Li- Ion battery and input voltage rails from 2.7V to 5.5V to
portable devices such as cell phones and PDAs. Using a volt-
age mode architecture with synchronous rectification, it has
the ability to deliver up to 600 mA load current (when not
powering the LILO) depending on the input voltage, output
voltage, ambient temperature and the inductor chosen.
The linear regulator delivers a constant voltage biased from
V
IN_LILO power input typically the output voltage of the DC-DC
converter is used (post regulation) with a maximum load cur-
rent of 350 mA.
The other linear regulator delivers a constant voltage biased
from V
IN_LDO power input - with a maximum load current of
300 mA.
Three enable pins allow the independent control of the three
outputs. Shutdown mode turns off the device, offering the
lowest current consumption (I
SHUTDOWN = 2.5 µA typ).
Besides the shutdown feature, for the DC-DC converter there
are two more modes of operation depending on the current
required:
- PWM (Pulse Width Modulation), and
- PFM (Pulse Frequency Modulation).
The device operates in PWM mode at load current of approx-
imately 80 mA or higher. Lighter load current cause the device
to automatically switch into PFM for reduced current con-
sumption (I
Q_VBATT = 28 µA typ) and a longer battery life.
Additional features include soft-start, startup mode of the lin-
ear regulator, under-voltage protection, current overload pro-
tection, and over-temperature protection.
An internal reference generates a 1.8V biasing an internal re-
sistive divider to create a reference voltage range from 0.7V
to 1.8V (in 50 mV steps) for the LILO and the 0.5V reference
used for the DC-DC converter. The ultra low noise linear reg-
ulator also has internal reference that generates a 1.8V bias-
ing for a internal resistor divider. Thus, creating a reference
voltage ranging from 1.5V to 3.3V
The Under-voltage lockout feature enables the device to start-
up once V
BATT has reached 2.65V typically and turns the
device off if V
BATT drops below 2.41V typically.
Post Regulation Note:
In the case that the DC-DC converter is switched off while the
Linear Regulator is still enabled, the LILO can still support up
to 50 mA. The linear regulator LILO is turned on via a small
NMOS device supplied by V
IN_LDO . The maximum current is
50 mA when this small NMOS is ON. If higher current > 50
mA is desired the following condition must be done:
1) EN_DC = HIGH
When the condition is met, the LILO transitions to the large
NMOS and can support up to 350 mA.
DC-DC CONVERTER OPERATION
During the first part of each switching cycle, the control block
in the LM3686 turns on the internal PFET switch. This allows
current to flow from the input V
BATT through the switch pin SW
and the inductor to the output filter capacitor and load. The
inductor limits the current to a ramp with a slope of (V
BATT -
V
OUT_DCDC) / L, by storing energy in the magnetic field.
During the second part of each cycle, the controller turns the
PFET switch off, blocking current flow from the input, and then
turns the NFET synchronous rectifier on. The inductor draws
current from ground through the NFET to the output filter ca-
pacitor and load, which ramps the inductor current down with
a slope of (- V
OUT_DCDC / L).
The output filter stores charge when the inductor current is
high, and releases it when low, smoothing the voltage across
the load.
The output voltage is regulated by modulating the PFET
switch on time to control the average current sent to the load.
The effect is identical to sending a duty-cycle modulated rect-
angular wave formed by the switch and synchronous rectifier
at the SW pin to a low-pass filter formed by the inductor and
output filter capacitor. The output voltage is equal to the av-
erage voltage at the SW pin.
PWM Operation
During PWM (Pulse Width Modulation) operation the con-
verter operates as a voltage-mode controller with input volt-
age feed forward. This allows the converter to achieve good
load and line regulation. The DC gain of the power stage is
proportional to the input voltage. To eliminate this dependen-
cy, feed forward inversely proportional to the input voltage is
introduced.
While in PWM mode, the output voltage is regulated by
switching at a constant frequency and then modulating the
energy per cycle to control power to the load. At the beginning
of each clock cycle the PFET switch is turned on and the in-
ductor current ramps up until the duty-cycle-comparator trips
and the control logic turns off the switch. The current limit
comparator can also turn off the switch in case the current
limit of the PFET is exceeded. Then the NFET switch is turned
on and the inductor current ramps down. The next cycle is
initiated by the clock turning off the NFET and turning on the
PFET.
30025509
FIGURE 4. Typical PWM Operation
Internal Synchronous Rectification
While in PWM mode, the DC-DC converter uses an internal
NFET as a synchronous rectifier to reduce rectifier forward
voltage drop and associated power loss. Synchronous recti-
fication provides a significant improvement in efficiency
whenever the output voltage is relatively low compared to the
voltage drop across an ordinary rectifier diode.
13
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com