Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74ALVC16835 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # IDT74ALVC16835
Description  3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT74ALVC16835 Datasheet(HTML) 2 Page - Renesas Technology Corp

  IDT74ALVC16835 Datasheet HTML 1Page - Renesas Technology Corp IDT74ALVC16835 Datasheet HTML 2Page - Renesas Technology Corp IDT74ALVC16835 Datasheet HTML 3Page - Renesas Technology Corp IDT74ALVC16835 Datasheet HTML 4Page - Renesas Technology Corp IDT74ALVC16835 Datasheet HTML 5Page - Renesas Technology Corp IDT74ALVC16835 Datasheet HTML 6Page - Renesas Technology Corp IDT74ALVC16835 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
2
IDT74ALVC16835
3.3V CMOS 18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
PIN CONFIGURATION
NOTE:
1. As applicable to the device type.
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
5
7
pF
COUT
Output Capacitance
VOUT = 0V
7
9
pF
COUT
I/O Port Capacitance
VIN = 0V
7
9
pF
CAPACITANCE (TA = +25°C, F = 1.0MHz)
Symbol
Description
Max
Unit
VTERM(2) Terminal Voltage with Respect to GND
–0.5 to +4.6
V
VTERM(3) Terminal Voltage with Respect to GND
–0.5 to VCC+0.5
V
TSTG
Storage Temperature
–65 to +150
°C
IOUT
DC Output Current
–50 to +50
mA
IIK
Continuous Clamp Current,
±50
mA
VI < 0 or VI > VCC
IOK
Continuous Clamp Current, VO < 0
–50
mA
ICC
Continuous Current through each
±100
mA
ISS
VCC or GND
ABSOLUTE MAXIMUM RATINGS(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. VCC terminals.
3. All terminals except VCC.
Pin Names
Description
OE
3-State Output Enable Inputs (Active LOW)
CLK
Register Input Clock
LE
Latch Enable (Transparent LOW)
A x
Data Inputs
Y x
3-State Outputs
N C
No Internal Connection
PIN DESCRIPTION
TVSOP
TOP VIEW
FUNCTION TABLE(1)
Inputs
Outputs
OE
LE
CLK
Ax
Yx
HX
X
X
Z
LH
X
L
L
LH
X
H
H
LL
↑
LL
LL
↑
HH
LL
H
X
Y
0
(2)
LL
L
X
Y
0
(3)
NOTES:
1. H = HIGH Voltage Level
L = LOW Voltage Level
X = Don’t Care
Z = High Impedance
↑ = LOW-to-HIGH transition
2. Output level before the indicated steady-state input conditions were established,
provided that CLK is HIGH before LE went HIGH.
3. Output level before the indicated steady-state input conditions were established.
GND
GND
GND
2
3
4
5
6
7
8
9
1
0
1
1
1
2
1
3
1
4
1
5
1
6
1
7
1
8
1
9
2
0
2
1
2
2
2
3
2
4
4
7
4
6
4
5
4
4
4
3
4
2
4
1
4
0
3
9
3
8
3
7
3
6
3
5
3
4
3
3
4
8
4
9
5
0
5
1
5
2
5
3
5
4
5
5
5
6
1
GND
GND
GND
2
5
2
6
2
7
2
8
3
2
3
1
3
0
2
9
GND
NC
A1
NC
NC
Y1
Y2
Y3
Y4
Y5
Y6
Y7
Y8
Y9
Y10
Y11
Y12
Y13
Y14
Y15
Y16
Y17
Y18
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
VCC
A16
A17
A18
GND
VCC
CLK
GND
VCC
VCC
GND
OE
LE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com