Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FCT16374CTPVG Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 74FCT16374CTPVG
Description  FAST CMOS 16-BIT REGISTER (3-STATE)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FCT16374CTPVG Datasheet(HTML) 2 Page - Renesas Technology Corp

  74FCT16374CTPVG Datasheet HTML 1Page - Renesas Technology Corp 74FCT16374CTPVG Datasheet HTML 2Page - Renesas Technology Corp 74FCT16374CTPVG Datasheet HTML 3Page - Renesas Technology Corp 74FCT16374CTPVG Datasheet HTML 4Page - Renesas Technology Corp 74FCT16374CTPVG Datasheet HTML 5Page - Renesas Technology Corp 74FCT16374CTPVG Datasheet HTML 6Page - Renesas Technology Corp 74FCT16374CTPVG Datasheet HTML 7Page - Renesas Technology Corp 74FCT16374CTPVG Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
INDUSTRIALTEMPERATURERANGE
IDT74FCT16374AT/CT/ET
FAST CMOS 16-BIT REGISTER (3-STATE)
PIN CONFIGURATION
Symbol
Description
Max
Unit
VTERM(2) Terminal Voltage with Respect to GND
–0.5 to 7
V
VTERM(3) Terminal Voltage with Respect to GND
–0.5 to VCC+0.5
V
TSTG
Storage Temperature
–65 to +150
°C
IOUT
DC Output Current
–60 to +120
mA
ABSOLUTE MAXIMUM RATINGS(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. All device terminals except FCT162XXX Output and I/O terminals.
3. Outputs and I/O terminals for FCT162XXX.
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
3.5
6
pF
COUT
Output Capacitance
VOUT = 0V
3.5
8
pF
CAPACITANCE (TA=+25°C,f=1.0MHz)
NOTE:
1. This parameter is measured at characterization but not tested.
Pin Names
Description
xDx
DataInputs
xCLK
Clock Inputs
xOx
3-StateOutputs
xOE
3-StateOutputEnableInput(ActiveLOW)
PIN DESCRIPTION
Inputs
Outputs
Function
xDx
xCLK
xOE
xOx
ZX
L
H
Z
XH
H
Z
Load
L
↑
LL
Register
H
↑
LH
L
↑
HZ
H
↑
HZ
FUNCTION TABLE(1)
NOTE:
1. H = HIGH voltage level
L = LOW voltage level
X = Don’t care
Z = High-impedance
↑ = LOW-to-HIGH transition
1
O1
GND
1
O3
VCC
1
OE
GND
2
O2
GND
VCC
GND
1
O2
1
O4
1
O5
1
O6
1
O7
1
O8
2
O1
2
O3
2
O4
2
O5
2
O7
2
O8
2
O6
2
OE
1
CLK
1
D1
1
D2
GND
1
D3
1
D4
VCC
1
D5
1
D6
1
D7
1
D8
2
D1
2
D2
2
D3
2
D4
VCC
2
D5
2
D7
2
D8
2
D6
2
CLK
GND
GND
GND
39
29
30
31
32
33
34
35
36
37
38
25
26
27
28
48
47
41
42
43
44
45
46
40
1
2
3
4
5
6
7
8
9
10
12
13
14
15
16
17
18
19
20
11
21
22
23
24
TOP VIEW
PackageType
PackageCode
Order Code
TSSOP
PAG48
PAG
SSOP
PVG48
PVG



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com