Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1827 Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP1827
Description  1.5A, Low Voltage, Low Quiescent Current LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1827 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP1827 Datasheet HTML 20Page - Microchip Technology MCP1827 Datasheet HTML 21Page - Microchip Technology MCP1827 Datasheet HTML 22Page - Microchip Technology MCP1827 Datasheet HTML 23Page - Microchip Technology MCP1827 Datasheet HTML 24Page - Microchip Technology MCP1827 Datasheet HTML 25Page - Microchip Technology MCP1827 Datasheet HTML 26Page - Microchip Technology MCP1827 Datasheet HTML 27Page - Microchip Technology MCP1827 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
MCP1827/MCP1827S
DS22001B-page 24
© 2006 Microchip Technology Inc.
3-Lead Plastic Transistor Outline (AB) (TO-220)
E
Q
D
D1
E/2
L
PIN 1
L1
b2
PIN n
b
e
e1
φP
A
A1
H1
c
A2
5X
α
E1
D2
BOTTOM: VARIANT A
E3
D3
BOTTOM: VARIANT B
D4
1.78
1.45
1.14
.070
.057
.045
b2
Shoulder Width
1.02
0.69
0.38
.040
.027
.015
b
Lead Width
0.61
-
0.30
.024
-
.012
c
Lead Thickness
8°
-
0
8°
-
0
α
Foot Angle
6.35
-
2.10
.250
-
-
L1
Lead Shoulder
12.88
-
12.19
.507
-
.480
D2
Exposed Tab Length
9.17
-
8.38
.361
-
.330
D1
Molded Package Length
16.51
-
14.22
.650
-
.560
D
Overall Length
3.05
-
2.54
.120
-
.100
Q
Hole Center to Tab Edge
5.08 BSC
.200 BSC
e1
Overall Pin Pitch
2.54 BSC
.100 BSC
e
Pitch
3
3
n
Number of Pins
MAX
NOM
MIN
MAX
NOM
MIN
Dimension Limits
MILLIMETERS
INCHES*
Units
Dimensions D1 and E do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010" (0.254mm) per side.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
See ASME Y14.5M
Notes:
Drawing No. C04-158
*Controlling Parameter
6.63
6.50
6.38
.261
.256
.251
E3
– (SEE BOTTOM VARIANT B)
8.89
-
6.86
.350
-
.270
E1
Exposed Tab Width
10.67
-
9.65
.420
-
.380
E
Overall Width
3.05
-
2.03
.120
-
.080
A2
Base to Lead
1.40
-
0.51
.055
-
.020
A1
Tab Thickness
4.83
-
3.56
.190
-
.140
A
Overall Height
14.73
-
12.70
.580
-
.500
L
Lead Length
3.96
-
3.53
.156
-
.139
φP
Mounting Hole Diameter
6.86
-
5.84
.270
-
.230
H1
Tab Length
7.95
7.82
7.70
.313
.308
.303
D4
– (SEE BOTTOM VARIANT B)
6.43
6.30
6.17
.253
.248
.243
D3
– (SEE BOTTOM VARIANT B)
Note:
For the most current package drawings, please
see the Microchip Packaging Specification located
at http://www.microchip.com/packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com