Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FCT3245APGG Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 74FCT3245APGG
Description  3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FCT3245APGG Datasheet(HTML) 4 Page - Renesas Technology Corp

  74FCT3245APGG Datasheet HTML 1Page - Renesas Technology Corp 74FCT3245APGG Datasheet HTML 2Page - Renesas Technology Corp 74FCT3245APGG Datasheet HTML 3Page - Renesas Technology Corp 74FCT3245APGG Datasheet HTML 4Page - Renesas Technology Corp 74FCT3245APGG Datasheet HTML 5Page - Renesas Technology Corp 74FCT3245APGG Datasheet HTML 6Page - Renesas Technology Corp 74FCT3245APGG Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
4
IDT74FCT3245/A
3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
NOTES:
1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3V, +25°C ambient.
3. Per TTL driven input. All other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of
ΔICC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
ΔICC DHNT + ICCD (fCPNCP/2 + fiNi)
ICC = Quiescent Current (ICC, ICCH, and ICCZ)
ΔICC = Power Supply Current for a TTL High Input
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for register devices (zero for non-register devices)
NCP = Number of clock inputs at fCP
fi = Input Frequency
Ni = Number of Inputs at fi
POWER SUPPLY CHARACTERISTICS
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
ICC
Quiescent Power Supply Current
VCC = Max.
VIN = VCC - 0.6V
—
2
30
μA
ICCD
Dynamic Power Supply
VCC = Max.
VIN = VCC
—60
85
μA/
Current(4)
Outputs Open
VIN = GND
MHz
OE = DIR = GND
One Input Toggling
50% Duty Cycle
IC
Total Power Supply Current(6)
VCC = Max.
VIN = VCC
—
0.6
0.9
mA
Outputs Open
VIN = GND
fI = 10MHz
50% Duty Cycle
VIN = VCC - 0.6V
—
0.6
0.9
OE = DIR = GND
VIN = GND
One Bit Toggling
VCC = Max.
VIN = VCC
—
1.2
1.7(5)
Outputs Open
VIN = GND
fI = 2.5MHz
50% Duty Cycle
VIN = VCC - 0.6V
—
1.2
1.8(5)
OE = DIR = GND
VIN = GND
Eight Bits Toggling
74FCT3245
74FCT3245A
Symbol
Parameter
Condition(2)
Min.(3)
Max.
Min.(3)
Max.
Unit
tPLH
PropagationDelay
CL = 50pF
1.5
7
1.5
4.6
ns
tPHL
A to B, B to A
RL = 500
Ω
tPZH
OutputEnableTime
1.5
9.5
1.5
6.2
ns
tPZL
OE to A or B
tPHZ
OutputDisableTime
1.5
7.5
1.5
5
ns
tPLZ
OE to A or B
tPZH
OutputEnableTime
1.5
9.5
1.5
6.2
ns
tPZL
DIR to A or B(4)
tPHZ
OutputDisableTime
1.5
7.5
1.5
5
ns
tPLZ
DIR to A or B(4)
SWITCHING CHARACTERISTICS OVER OPERATING RANGE(1)
NOTES:
1. Propagation Delays and Enable/Disable times are with VCC = 3.3V ±0.3V, Normal Range. For VCC = 2.7V to 3.6V, Extended Range, all Propagation Delays and Enable/
Disable times should be degraded by 20%.
2. See test circuit and waveforms.
3. Minimum limits are guaranteed but not tested on Propagation Delays.
4. This parameter is guaranteed but not tested.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com