Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FCT807CTSOG Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 74FCT807CTSOG
Description  FAST CMOS 1-TO-10 CLOCK DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FCT807CTSOG Datasheet(HTML) 4 Page - Renesas Technology Corp

  74FCT807CTSOG Datasheet HTML 1Page - Renesas Technology Corp 74FCT807CTSOG Datasheet HTML 2Page - Renesas Technology Corp 74FCT807CTSOG Datasheet HTML 3Page - Renesas Technology Corp 74FCT807CTSOG Datasheet HTML 4Page - Renesas Technology Corp 74FCT807CTSOG Datasheet HTML 5Page - Renesas Technology Corp 74FCT807CTSOG Datasheet HTML 6Page - Renesas Technology Corp 74FCT807CTSOG Datasheet HTML 7Page - Renesas Technology Corp 74FCT807CTSOG Datasheet HTML 8Page - Renesas Technology Corp 74FCT807CTSOG Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT74FCT807BT/CT
FAST CMOS 1-TO-10 CLOCK DRIVER
NOTES:
1. See test circuits and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. tPLH, tPHL, tSK(t) are production tested. All other parameters guaranteed but not production tested.
4. Propagation delay range indicated by Min. and Max. limit is due to VCC, operating temperature and process parameters. These propagation delay limits do not imply skew.
SWITCHING CHARACTERISTICS OVER OPERATING RANGE - COMMERCIAL(3,4)
FCT807BT
FCT807CT
Symbol
Parameter
Conditions(1)
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
PropagationDelay
1.3
2.7
1.3
2.5
ns
tPHL
tR
OutputRiseTime
—
1.5
—
1.5
ns
tF
OutputFallTime
—
1.5
—
1.5
ns
tSK(O)
Output skew: skew between outputs of all banks of
—
0.5
—
0.25
ns
samepackage(inputstiedtogether)
tSK(P)
Pulseskew:skewbetweenoppositetransitions
—
0.5
—
0.35
ns
ofsameoutput(|tPHL-–tPLH|)
tSK(T)
Packageskew:skewbetweenoutputsofdifferent
—
0.9
—
0.65
ns
packages at same power supply voltage,
temperature,packagetypeandspeedgrade
50
Ωto VCC/2,
CL = 10pF
(See figure 1)
or 50
Ωac
termination,
CL = 10pF
(See figure 2)
f
≤100MHz
Outputsconnectedin
groups of two
FCT807BT
FCT807CT
Symbol
Parameter
Conditions(1)
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
PropagationDelay
1.5
3.8
1.5
3.5
ns
tPHL
tR
OutputRiseTime
—
1.5
—
1.5
ns
tF
OutputFallTime
—
1.5
—
1.5
ns
tSK(O)
Output skew: skew between outputs of all banks of
—
0.5
—
0.25
ns
samepackage(inputstiedtogether)
tSK(P)
Pulseskew:skewbetweenoppositetransitions
—
0.5
—
0.35
ns
ofsameoutput(|tPHL-–tPLH|)
tSK(T)
Packageskew:skewbetweenoutputsofdifferent
—
0.9
—
0.75
ns
packages at same power supply voltage,
temperature,packagetypeandspeedgrade
CL = 30pF
f
≤67MHz
(See figure 3)
FCT807BT
FCT807CT
Symbol
Parameter
Conditions(1)
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
PropagationDelay
1.5
3.8
1.5
3.5
ns
tPHL
tR
OutputRiseTime
—
1.5
—
1.5
ns
tF
OutputFallTime
—
1.5
—
1.5
ns
tSK(O)
Output skew: skew between outputs of all banks of
—
0.5
—
0.35
ns
samepackage(inputstiedtogether)
tSK(P)
Pulseskew:skewbetweenoppositetransitions
—
0.6
—
0.45
ns
ofsameoutput(|tPHL-–tPLH|)
tSK(T)
Packageskew:skewbetweenoutputsofdifferent
—
1
—
0.75
ns
packages at same power supply voltage,
temperature,packagetypeandspeedgrade
CL = 30pF
f
≤40MHz
(See figure 4)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com