Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMHT10H032LFJ-13 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMHT10H032LFJ-13
Description  100V N-CHANNEL ENHANCEMENT MODE MOSFET H-BRIDGE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMHT10H032LFJ-13 Datasheet(HTML) 6 Page - Diodes Incorporated

  DMHT10H032LFJ-13 Datasheet HTML 1Page - Diodes Incorporated DMHT10H032LFJ-13 Datasheet HTML 2Page - Diodes Incorporated DMHT10H032LFJ-13 Datasheet HTML 3Page - Diodes Incorporated DMHT10H032LFJ-13 Datasheet HTML 4Page - Diodes Incorporated DMHT10H032LFJ-13 Datasheet HTML 5Page - Diodes Incorporated DMHT10H032LFJ-13 Datasheet HTML 6Page - Diodes Incorporated DMHT10H032LFJ-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DMHT10H032LFJ
Document number: DS42506 Rev. 2 - 2
6 of 7
www.diodes.com
June 2020
© Diodes Incorporated
DMHT10H032LFJ
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
V-DFN5045-12 (Type C)
V-DFN5045-12
(Type C)
Dim
Min
Max
Typ
A
0.75
0.85
0.80
A1
0.00
0.05
0.02
A3
--
--
0.203
b
0.25
0.35
0.30
b1
0.17
0.27
0.22
b2
1.35
1.45
1.40
D
4.95
5.05
5.00
D2
1.84
2.04
1.94
D2a
2.20
2.40
2.30
e
--
--
0.80
E
4.45
4.55
4.50
E2
1.16
1.36
1.26
k
--
--
0.31
k1
--
--
0.36
L
0.45
0.55
0.50
L1
0.35
0.45
0.40
z
--
--
0.35
z1
--
--
0.20
z2
--
--
0.20
z3
--
--
0.36
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
V-DFN5045-12 (Type C)
Dimensions
Value
(in mm)
C
0.800
G
0.250
G1
0.260
G2
0.310
G3
0.180
G4
0.260
X
0.400
X1
1.500
X2
2.040
X3
2.400
X4
4.550
X5
4.700
Y
0.700
Y1
0.700
Y2
1.260
Y3
4.800
Seating Plane
E
A
L
A3
L1
z
z2
z3
z1
A1
PIN1#ID
k
k1
E2
D
D2
D2a
e
b
b1
b2
Y3
X4
X5
C
G2
Y2(4x)
X2(2x)
X3(2x)
X(8x)
Y(8x)
Y1
X1(2x)
G3
G4
G1
G



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com