Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN3012LEG-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN3012LEG-7
Description  30V SYNCHRONOUS N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3012LEG-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN3012LEG-7 Datasheet HTML 1Page - Diodes Incorporated DMN3012LEG-7 Datasheet HTML 2Page - Diodes Incorporated DMN3012LEG-7 Datasheet HTML 3Page - Diodes Incorporated DMN3012LEG-7 Datasheet HTML 4Page - Diodes Incorporated DMN3012LEG-7 Datasheet HTML 5Page - Diodes Incorporated DMN3012LEG-7 Datasheet HTML 6Page - Diodes Incorporated DMN3012LEG-7 Datasheet HTML 7Page - Diodes Incorporated DMN3012LEG-7 Datasheet HTML 8Page - Diodes Incorporated DMN3012LEG-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DMN3012LEG
Document number: DS41633 Rev. 2 - 2
2 of 10
www.diodes.com
March 2019
© Diodes Incorporated
DMN3012LEG
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Q1
Q2
Unit
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±10
V
Continuous Drain Current @ VGS = 5V
TC = +25C
ID
20
A
TC = +70C
16
TA = +25C
ID
10
A
TA = +70C
8
Pulsed Drain Current (10
μs Pulse, Duty Cycle = 1%)
IDM
70
100
A
Continuous Source-Drain Diode Current (Note 5)
IS
2.7
3.2
A
Avalanche Current (Note 6) L = 0.1mH
IAS
34
50
A
Avalanche Energy (Note 6) L = 0.1mH
EAS
58
125
mJ
ESD Capability(Note 9)
HBM
300
V
CDM
1000
V
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Total Power Dissipation
TC = +25°C
PD
2.2
W
TC = +70°C
1.4
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RJA
58
°C/W
t<10s
36
Thermal Resistance, Junction to Case (Note 5)
RJC
9.5
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics Q1 (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
30
—
—
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
IDSS
—
—
1
μA
VDS = 20V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±10V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
1
—
2.1
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
—
10.5
12
m
Ω
VGS = 5V, ID = 15A
Diode Forward Voltage
VSD
—
—
1.0
V
VGS = 0V, IS = 15A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
—
650
850
pF
VDS = 15V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
—
314
410
Reverse Transfer Capacitance
Crss
—
12
16
Gate Resistance
Rg
—
1.63
3.3
Ω
VDS = 0V, VGS = 0V, f =
1.0MHz
Total Gate Charge (VGS = 4.5V)
Qg
—
4.7
6.1
nC
VDS = 15V, ID = 15A
Total Gate Charge at VTH
Qg(TH)
—
0.91
—
Gate-Source Charge
Qgs
—
1.6
—
Gate-Drain Charge
Qgd
—
0.9
—
Turn-On Delay Time
tD(ON)
—
5.1
7.7
ns
VDD = 15V, VGS = 4.5V,
ID = 15A, Rg = 2Ω
Turn-On Rise Time
tR
—
2.7
—
Turn-Off Delay Time
tD(OFF)
—
6.4
9.6
Turn-Off Fall Time
tF
—
2.3
—
Reverse Recovery Time
tRR
—
24.5
—
ns
IF = 15A, di/dt = 300A/μs
Reverse Recovery Charge
QRR
—
8.3
—
nC
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
6. IAS and EAS ratings are based on low frequency and duty cycles to keep TJ = +25°C.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.
9. Based on characterization data only. Not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com