Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMP4026LSD-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP4026LSD-13
Description  40V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP4026LSD-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP4026LSD-13 Datasheet HTML 1Page - Diodes Incorporated DMP4026LSD-13 Datasheet HTML 2Page - Diodes Incorporated DMP4026LSD-13 Datasheet HTML 3Page - Diodes Incorporated DMP4026LSD-13 Datasheet HTML 4Page - Diodes Incorporated DMP4026LSD-13 Datasheet HTML 5Page - Diodes Incorporated DMP4026LSD-13 Datasheet HTML 6Page - Diodes Incorporated DMP4026LSD-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMP4026LSD
Document number: DS44830 Rev. 2 - 2
2 of 7
www.diodes.com
March 2023
© 2023 Copyright Diodes Incorporated. All Rights Reserved.
DMP4026LSD
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-40
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = -10V
Steady
State
TA = +25°C
TA = +70°C
ID
-6.5
-5.2
A
Maximum Body Diode Forward Current (Note 6)
IS
-6.5
A
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
-46
A
Pulsed Body Diode Forward Current (10
μs Pulse, Duty Cycle = 1%)
ISM
-46
A
Avalanche Current
, L = 0.3mH
IAS
-20
A
Avalanche Energy
, L = 0.3mH
EAS
62
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
PD
1.3
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
96.4
°C/W
Total Power Dissipation (Note 6)
PD
1.7
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
73.1
°C/W
Thermal Resistance, Junction to Case
RθJC
10.9
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
-40
V
VGS = 0V, ID = -250µA
Zero Gate Voltage Drain Current
IDSS


-1.0
μA
VDS = -40V, VGS = 0V
Gate-Source Leakage
IGSS
100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
-0.8
-1.8
V
VDS = VGS, ID = -250µA
Static Drain-Source On-Resistance
RDS(ON)
15.1
25
m
Ω
VGS = -10V, ID = -3A
18.3
45
VGS = -4.5V, ID = -3A
Diode Forward Voltage
VSD
-0.7
-1.0
V
VGS = 0V, IS = -1A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
CISS
2064
pF
VDS = -20V, VGS = 0V
f = 1.0MHz
Output Capacitance
COSS
212
Reverse Transfer Capacitance
CRSS
183
Gate Resistance
RG

2.5

Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = -10V)
QG
45.8
nC
VDS = -20V, ID = -3A
Total Gate Charge (VGS = -4.5V)
QG

23.5

Gate-Source Charge
QGS
5
Gate-Drain Charge
QGD
6.7
Turn-On Delay Time
tD(ON)
4.3
ns
VGS = -10V, VDD = -20V, RG = 6Ω,
ID = -3A
Turn-On Rise Time
tR
4.7
Turn-Off Delay Time
tD(OFF)
71.8
Turn-Off Fall Time
tF

23.9

Body Diode Reverse Recovery Time
tRR

17.3

ns
IS = -3A, di/dt = 100A/μs
Body Diode Reverse Recovery Charge
QRR

8.7

nC
IS = -3A, di/dt = 100A/µs
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com