Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSC-S22-RTC Datasheet(PDF) 1 Page - Yuechung International Corp.

Part # OSC-S22-RTC
Description  OSC-S22 RTC Series : RTC SMD Crystal Clock Oscillator 2.5x2.0 mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIC [Yuechung International Corp.]
Direct Link  https://www.yic.com.tw/en/home-en/
Logo YIC - Yuechung International Corp.

OSC-S22-RTC Datasheet(HTML) 1 Page - Yuechung International Corp.

  OSC-S22-RTC Datasheet HTML 1Page - Yuechung International Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
●
SPECIFICATION
●
DIMENSIONS (mm)
#1: E/D
#3: OUTPUT
#2: GND
#4: VDC
●
OUTPUT WAVEFORM
OSC-S22 RTC Series
32.768KHz
- 55°C ~ + 125°C
- 10°C ~ + 70°C , - 40°C ~ + 85°C
±20 ppm ~ ±50ppm
2.5V DC ±5%
1.8V DC ±5%
3.3V DC ±10%
50uA max
Frequency range
Model
Storage temperature range
Output voltage level
Duty cycle
Output level
Load
Frequency stability
Power supply voltage
Current consumption
Operation temperature range
VOL : 10% Vdd max. / VOH : 90% Vdd min.
40% ~ 60% at 1/2 Vdd
15pF max.
C-MOS
●
TEST CIRCUIT
±3ppm / Year
RISE / FALL TIME
AGING
50nS max
Start-up Time
2 m sec. max.
Crystal Clock Oscillator
OSC-S22 RTC Series
*** Because S22 series has no by pass capacitor.
So, we recommend our customer to use capacitor 0.1µF
in join Vcc and GND
.
OSC-S22 RTC Series : RTC SMD Crystal Clock Oscillator 2.5x2.0 mm
32.768KHz


Similar Part No. - OSC-S22-RTC

ManufacturerPart #DatasheetDescription
logo
Yuechung International ...
OSC-S22-LOW-VOLTAGE YIC-OSC-S22-LOW-VOLTAGE Datasheet
302Kb / 1P
OSC-S22 Low Voltage Series : SMD Crystal Clock Oscillator 2.5x2.0 mm
More results

Similar Description - OSC-S22-RTC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7XZSERIES ETC2-7XZSERIES Datasheet
1Mb / 1P
SMD RTC CRYSTAL OSCILLATORS 3.2X2.5X1.0MM 7XZ SERIES
logo
Abracon Corporation
ASTMK06 ABRACON-ASTMK06 Datasheet
3Mb / 5P
RTC reference clock
06.17.2017
ASTMKH ABRACON-ASTMKH Datasheet
3Mb / 7P
RTC reference clock
06.17.2017
logo
Yuechung International ...
O-S22 YIC-O-S22 Datasheet
280Kb / 1P
O-S22 Series : Programmable Crystal Clock Oscillator 2.5x2.0mm
OSCLD-S22 YIC-OSCLD-S22 Datasheet
302Kb / 1P
OSCLD-S22 Series : LVDS SMD Crystal Clock Oscillator 2.5x2.0 mm
OSC-S21-RTC YIC-OSC-S21-RTC Datasheet
294Kb / 1P
OSC-S21 RTC Series : RTC SMD Crystal Clock Oscillator 2.0x1.6 mm
OSC-S21L-RTC YIC-OSC-S21L-RTC Datasheet
295Kb / 1P
OSC-S21L RTC Series : Low Power RTC SMD Crystal Clock Oscillator 2.0x1.6 mm
OSC-S22L-RTC YIC-OSC-S22L-RTC Datasheet
294Kb / 1P
OSC-S22L RTC Series : Low Power RTC SMD Crystal Clock Oscillator 2.5x2.0 mm
OSC-S3-RTC YIC-OSC-S3-RTC Datasheet
293Kb / 1P
OSC-S3 RTC Series : RTC SMD Crystal Clock Oscillator 3.2x2.5 mm
OSCLP-S22 YIC-OSCLP-S22 Datasheet
287Kb / 1P
OSCLP-S22 Series : LVPECL SMD Crystal Clock Oscillator 2.5x2.0 mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com