Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIM-MCS Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # AIM-MCS
Description  10.1" Industrial Tablet with Intel® Atom™ Processor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIM-MCS Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  AIM-MCS Datasheet HTML 1Page - Advantech Co., Ltd. AIM-MCS Datasheet HTML 2Page - Advantech Co., Ltd. AIM-MCS Datasheet HTML 3Page - Advantech Co., Ltd. AIM-MCS Datasheet HTML 4Page - Advantech Co., Ltd. AIM-MCS Datasheet HTML 5Page - Advantech Co., Ltd. AIM-MCS Datasheet HTML 6Page - Advantech Co., Ltd. AIM-MCS Datasheet HTML 7Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.advantech.com/products
Online Download
AIM-68
Dimensions
Unit: mm
Front/Rear/Side I/O View
Ordering Information
Part Number
CPU
Memory
Storage
LCD
Barcode
NFC
Wi-Fi/BT
WI-FI Pass Through
LTE+GPS
F-Camera
R-Camera
OS
AIM-68CT-C2101000
Intel CHT l Z8750
4 GB
64 GB
380 nits
X
V
V
X
X
2M
5M
Win 10 IoT Enterprise
AIM-68CT-C21B1000
Intel CHT l Z8750
4 GB
64 GB
380 nits
V
V
V
X
X
2M
5M
Win 10 IoT Enterprise
AIM-68CT-C2103000
Intel CHT l Z8750
4 GB
64 GB
380 nits
X
V
V
X
V (NA)
2M
5M
Win 10 IoT Enterprise
AIM-68CT-C2105000
Intel CHT l Z8750
4 GB
64 GB
380 nits
X
V
V
X
V (EU)
2M
5M
Win 10 IoT Enterprise
AIM-68CT-C2104000
Intel CHT l Z8750
4 GB
64 GB
800 nits
X
V
V
V
V (NA)
2M
5M
Win 10 IoT Enterprise
AIM-68CT-C2106000
Intel CHT l Z8750
4 GB
64 GB
800 nits
X
V
V
V
V (EU)
2M
5M
Win 10 IoT Enterprise
AIM-68CT-C3101000
Intel CHT l Z8750
4 GB
64 GB
380 nits
X
V
V
X
X
2M
5M
Android 6.0
AIM-68CT-C31B1000
Intel CHT l Z8750
4 GB
64 GB
380 nits
V
V
V
X
X
2M
5M
Android 6.0
AIM-68CT-C3103000
Intel CHT l Z8750
4 GB
64 GB
380 nits
X
V
V
X
V (NA)
2M
5M
Android 6.0
AIM-68CT-C3104000
Intel CHT l Z8750
4 GB
64 GB
380 nits
X
V
V
X
V (EU)
2M
5M
Android 6.0
AIM-68CT-C3105000
Intel CHT l Z8750
4 GB
64 GB
800 nits
X
V
V
V
V (NA)
2M
5M
Android 6.0
AIM-68CT-C3106000
Intel CHT l Z8750
4 GB
64 GB
800 nits
X
V
V
V
V (EU)
2M
5M
Android 6.0
For sales inquiries or further information, please contact us at Mobile@advantech.com.tw
Integrated speakers
Front camera
AIM extension port NFC
Rear camera
Docking connector
SD+SIM door
Wi-Fi pass through connector (optional)
Power button Integrated barcode scanner
Volume UP/DOWN
Programmable function key
I/O door:
1 x USB 3.0
1 x micro HDMI
Combo audio jack
DC-in jack
280
Optional Accessories
Part Number
Description
1700001947
Power cord UL 2P 7A 125 V 183 cm
1700002141
Power cord PSE 2P 7A 125 V 183 cm
1700008972
Power cord CCC 2P 2.5A 250 V 183 cm
1700001948-11
Power cord EU 2P 2.5A 250 V 183 cm
AIM-68 Packing List
Description
1 x AIM-68
1 x 10.8V/2400mAh lithium-ion battery
1 x AC/DC adaptor
1 x 2-pin power cord



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com