Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2907A Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2N2907A
Description  SMALL SIGNAL PNP TRANSISTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2907A Datasheet(HTML) 1 Page - STMicroelectronics

  2N2907A Datasheet HTML 1Page - STMicroelectronics 2N2907A Datasheet HTML 2Page - STMicroelectronics 2N2907A Datasheet HTML 3Page - STMicroelectronics 2N2907A Datasheet HTML 4Page - STMicroelectronics 2N2907A Datasheet HTML 5Page - STMicroelectronics 2N2907A Datasheet HTML 6Page - STMicroelectronics 2N2907A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2N2905A
2N2907A
SMALL SIGNAL PNP TRANSISTORS
DESCRIPTION
The 2N2905A and 2N2907A are silicon Planar
Epitaxial PNP transistors in Jedec TO-39 (for
2N2905A) and in Jedec TO-18 (for 2N2907A)
metal case. They are designed for high speed
saturated
switching
and
general
purpose
applications.
INTERNAL SCHEMATIC DIAGRAM
February 2003
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage (IE = 0)
-60
V
VCEO
Collector-Emitter Voltage (IB = 0)
-60
V
VEBO
Emitter-Base Voltage (IC = 0)
-5
V
IC
Collector Current
-0.6
A
ICM
Collector Peak Current (tp < 5 ms)
-0.8
A
Ptot
Total Dissipation at Tamb
≤ 25 oC
for 2N2905A
for 2N2907A
at TC
≤ 25 oC
for 2N2905A
for 2N2907A
0.6
0.4
3
1.8
W
W
W
W
Tstg
Storage Temperature
-65 to 175
oC
Tj
Max. Operating Junction Temperature
175
oC
TO-18
TO-39
®
1/7


Similar Part No. - 2N2907A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N2907A PHILIPS-2N2907A Datasheet
52Kb / 8P
PNP switching transistors
1997 May 30
logo
Seme LAB
2N2907A SEME-LAB-2N2907A Datasheet
15Kb / 2P
HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR
logo
Semicoa Semiconductor
2N2907A SEMICOA-2N2907A Datasheet
31Kb / 1P
Chip Type 2C2907A Geometry 0600 Polarity PNP
2N2907A SEMICOA-2N2907A Datasheet
45Kb / 2P
Type 2N2907A Geometry 0600 Polarity PNP
logo
Boca Semiconductor Corp...
2N2907A BOCA-2N2907A Datasheet
44Kb / 2P
PNP SILICON PLANAR SWITCHING TRANSISTORS
More results

Similar Description - 2N2907A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
2N4403 GE-2N4403 Datasheet
98Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
BC327 GE-BC327 Datasheet
243Kb / 5P
Small Signal Transistors (PNP)
BC556 GE-BC556 Datasheet
253Kb / 6P
Small Signal Transistors (PNP)
MMBT3906 GE-MMBT3906 Datasheet
136Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
MMBT4403 GE-MMBT4403 Datasheet
116Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
MPS2907A GE-MPS2907A Datasheet
39Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
logo
Vishay Siliconix
BCW61 VISHAY-BCW61 Datasheet
40Kb / 3P
Small Signal Transistors (PNP)
09-May-02
logo
Micro Commercial Compon...
DMMT3906 MCC-DMMT3906_11 Datasheet
236Kb / 4P
PNP Small Signal Transistors
MMSTA92 MCC-MMSTA92_11 Datasheet
204Kb / 2P
PNP Small Signal Transistors
MMST2907A MCC-MMST2907A_11 Datasheet
193Kb / 2P
PNP Small Signal Transistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com