Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FGC151M Datasheet(PDF) 1 Page - Bertech.

Part # FGC151M
Description  Low Profile Ground Cords
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BERTECH [Bertech.]
Direct Link  https://bertech.com/
Logo BERTECH - Bertech.

FGC151M Datasheet(HTML) 1 Page - Bertech.

  FGC151M Datasheet HTML 1Page - Bertech.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Technical Datasheet
Bertech® makes no warranty, representation, or guarantee regarding the information contained herein or the suitability of its this product
for any particular purpose, nor does Bertech® assume any liability whatsoever arising out of the application or use of this product. It is
ultimately the responsibility of the customer to determine a product’s suitability for a particular application.
Low Profile Ground Cords
RoHS Compliant
FGC151M Series
Low Profile Ground Cords has one banana jack, 10mm male snap, and a 1 Meg resistor. It has a ring type
terminal on the other end. These ground cords have a low profile design and are typically used with ESD
Floor Mats.
TYPICAL PHYSICAL PROPERTIES
(1)
Cord Length
15 feet
Wire Insulation
PU/PVC
Resistor
1 Meg Ohm
Color
Black
(1) Specifications are subject to change at any time for a variety of reasons. If you have any questions, please call for the latest update.


Similar Part No. - FGC151M

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
FGC1500A-130DS POWEREX-FGC1500A-130DS Datasheet
45Kb / 4P
HIGH POWER INVERTER USE PRESS PACK TYPE
More results

Similar Description - FGC151M

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
72920 POMONA-72920 Datasheet
129Kb / 1P
2mm SAFETY Sheathed Patch Cords
logo
Qualtek Electronics Cor...
H03VVD3HU3G100 QUALTEK-H03VVD3HU3G100 Datasheet
341Kb / 1P
International Power Cords
logo
Hammond Manufacturing L...
1584C HAMMOND-1584C Datasheet
62Kb / 1P
Replacement Power Cords
logo
List of Unclassifed Man...
NPC-1803 ETC2-NPC-1803 Datasheet
170Kb / 1P
Snagless cat5e patch cords
logo
PANDUIT CORP.
AJC12-A-C PANDUIT-AJC12-A-C Datasheet
74Kb / 1P
Low profile clips retain cords, cables, or tubing
UTPCH3Y PANDUIT-UTPCH3Y Datasheet
206Kb / 1P
TX5e UTP Patch Cords
logo
Gamma Microelectronics ...
GM6630X GAMMA-GM6630X Datasheet
620Kb / 12P
Low ground current
logo
PCTEL, Inc.
BMLPVMBLTENGP PCTEL-BMLPVMBLTENGP Datasheet
201Kb / 1P
MLPV Low-Profile No Ground Plane Antennas
logo
Bertech.
CGC151M BERTECH-CGC151M Datasheet
107Kb / 1P
Common Point Ground Cords
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com