Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER50A/ASP Datasheet(PDF) 11 Page - STMicroelectronics

Part # VIPER50A/ASP
Description  SMPS PRIMARY I.C.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER50A/ASP Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VIPER50A/ASP Datasheet HTML 7Page - STMicroelectronics VIPER50A/ASP Datasheet HTML 8Page - STMicroelectronics VIPER50A/ASP Datasheet HTML 9Page - STMicroelectronics VIPER50A/ASP Datasheet HTML 10Page - STMicroelectronics VIPER50A/ASP Datasheet HTML 11Page - STMicroelectronics VIPER50A/ASP Datasheet HTML 12Page - STMicroelectronics VIPER50A/ASP Datasheet HTML 13Page - STMicroelectronics VIPER50A/ASP Datasheet HTML 14Page - STMicroelectronics VIPER50A/ASP Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11/23
VIPer50/SP - VIPer50A/ASP
1
Figure 13: Off Line Power Supply With Auxiliary Supply Feedback
Figure 14: Off Line Power Supply With Optocoupler Feedback
AC IN
+Vcc
GND
F1
BR1
D3
R9
C1
R7
C4
C2
TR2
R1
C3
D1
D2
C10
TR1
C9
C7
L2
R3
C6
C5
R2
VIPer50
-
+
13V
OSC
COMP SOURCE
DRAIN
VDD
FC00301
C11
AC IN
F1
BR1
D3
R9
C1
R7
C4
C2
TR 2
R1
C3
D1
D2
C1 0
TR 1
C9
C7
L2
+V cc
GND
C8
C5
R2
VIPer50
U2
R4
R5
IS O 1
R6
R3
C6
-
+
13V
OSC
CO M P
SO URCE
DR AIN
VDD
F C 0 0311
C11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com