Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1 Datasheet(PDF) 1 Page - RAYEX ELECTRONICS CO., LTD

Part # AM1
Description  AM1 SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAYEX [RAYEX ELECTRONICS CO., LTD]
Direct Link  https://www.relay-rayex.com/
Logo RAYEX - RAYEX ELECTRONICS CO., LTD

AM1 Datasheet(HTML) 1 Page - RAYEX ELECTRONICS CO., LTD

  AM1 Datasheet HTML 1Page - RAYEX ELECTRONICS CO., LTD AM1 Datasheet HTML 2Page - RAYEX ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AM1 SERIES
•35A continuous contact rating at 85°
•1A (1PST) and 1C (1PDT) contact arrangement
•Small size (20.5x15x22mm) with high performance
•Using at air conditioner, electrical heater,
remote-controlled TV, automatic control and household
electric devices.
FEATURES
ORDERING INFORMATION
12
AM1
1. Type
2. Contact Arrangement
Nil : 1 Form C
A : 1 Form A
3. Coil Nominal Voltage
1
3
A
2
CONTACT RATING
Resistive (Cos.q = 1)
DC 14V
DC 14V
35A
25A
Resistive (Cos.q = 1)
1 FORM A (SPST)
1 FORM C (SPDT)
线电压
Coil voltage(VDC)
线电阻
Coil Resistance
Ω± 10%
并联电阻
Parallel
Resistance
Ω± 5%
等电阻
Equivalent
Resistance
Ω ±10%
合电压(大)
Pick up Voltage (Max)
70%VDC
释电压
VDC
Release voltage(Min)
10%VDC
线功
Coil power
consumption
(W)
動作時間
Operate Time
(mS)
時間
Release Time
(mS)
额
Rated
大
Max
12
15.6
96
7.2
1.2
1.5
≤ 10
≤ 10
24
31.2
320
16.8
2.4
1.8
12
15.6
96
680
84.1
7.2
1.2
1.7
24
31.2
320
2700
286
16.8
2.4
2.0
12
15.6
130
7.2
1.2
1.1
12
31.2
130
680
109
7.2
1.2
1.3
線圈參數 DATA
RAYEX ELEC.ISSUED RECOY INT’L.


Similar Part No. - AM1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM1 ETC-AM1 Datasheet
126Kb / 5P
High Dynamic Range Gain Block
logo
WJ Communication. Inc.
AM1 WJCI-AM1 Datasheet
404Kb / 6P
High Dynamic Range Gain Block
logo
Altech corporation
AM1 ALTECH-AM1 Datasheet
325Kb / 1P
30 mm Non-Illuminated Mushroom Momentary Metal Operator AMx
logo
WJ Communication. Inc.
AM1-G WJCI-AM1-G Datasheet
404Kb / 6P
High Dynamic Range Gain Block
logo
TriQuint Semiconductor
AM1-G TRIQUINT-AM1-G Datasheet
752Kb / 6P
High Dynamic Range Gain Block
More results

Similar Description - AM1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com