Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

J96 Datasheet(PDF) 2 Page - RAYEX ELECTRONICS CO., LTD

Part # J96
Description  J96 SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAYEX [RAYEX ELECTRONICS CO., LTD]
Direct Link  https://www.relay-rayex.com/
Logo RAYEX - RAYEX ELECTRONICS CO., LTD

J96 Datasheet(HTML) 2 Page - RAYEX ELECTRONICS CO., LTD

  J96 Datasheet HTML 1Page - RAYEX ELECTRONICS CO., LTD J96 Datasheet HTML 2Page - RAYEX ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Insulation Resistance
Dielectric Strength
Contact Material
Contact Resistance
Shock Resistance
Vibration Resistance
Operation Time
Release Time
Temperature Range
Expected Life
Weight
1,000 MW Min. (DC 500V)
1000 VAC, 50/60Hz between contacts.
5000 VAC, 50/60Hz between contacst and coil
Ag Alloy
100 milliohms max. ( initial value )
Malfunction: 10G(100m/s) ; Destructive: 100G(1000ms)
Destructive: 10 to 55 Hz. at Double Amplitude of 1.5 mm
10 ms max.
5 ms max.
o
o
- 45 C ~ + 85 C
With operation rate 30/min.
Mechanical - 10,000,000 operations min.
Electrical - 100,000 operations min. at rated load.
15 grams
GENERAL DATA
DIMENSIONS(±0.2mm)
3.5 3.5
20
29
1.0
7.5
12.5
J961
J961H
WIRING DIAGRAM
(BOTTOM VIEW)
P.C.B LAYOUT
(BOTTOM VIEW)
20
29
5.08 5.08
1.0
7.5
12.5
J962
20
29
5.08 5.08
1.0
7.5
12.5
9-
Ø1.3
16.24
5.08 5.08
8-
Ø 1.3
16.24
5.08 5.08
5-Ø 1.3
3.5 3.5
16.5
6-Ø 1.3
3.5 3.5
16.5
9-
Ø1.3
16.24
5.08 5.08
8-
Ø 1.3
16.24
5.08 5.08
One Coil
Twin Coil
One Coil
One Coil
Twin Coil
Twin Coil
+
+
-
+
+
+
+
+
+
-
-
吸合線圈
返回線圈
吸合線圈
返回線圈
吸合線圈
返回線圈
-
-
-
+
+
RAYEX ELEC.ISSUED RECOY INT’L.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com