Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1-12AS Datasheet(PDF) 1 Page - RAYEX ELECTRONICS CO., LTD

Part # LB1-12AS
Description  LB SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAYEX [RAYEX ELECTRONICS CO., LTD]
Direct Link  https://www.relay-rayex.com/
Logo RAYEX - RAYEX ELECTRONICS CO., LTD

LB1-12AS Datasheet(HTML) 1 Page - RAYEX ELECTRONICS CO., LTD

  LB1-12AS Datasheet HTML 1Page - RAYEX ELECTRONICS CO., LTD LB1-12AS Datasheet HTML 2Page - RAYEX ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LB SERIES
•High performance power relay
•PCB terminal and solder lug terminal and flanged case
are available
•LED version is available
•Using at control equipment, vending machines, cooking
appliances, office machine, domestic appliances, etc.
FEATURES
ORDERING INFORMATION
COIL DATA(at 25 )
12
1. Type
LB1(1PDT) : 15A
LB2(2PDT) : 12A
LB2H(2PDT) : 10A
LB4H(4PDT) : 5A
2. LED
Nil : Without LED
N : With LED
D
3. Coil Nominal Voltage
4. Coil Nominal Voltage Type
D: DC
A : AC
5. Cover Type
Nil : Standard Type
T : Test button(Not applicable at LB1)
T
6. Terminal Type
S : Solder Lug / Plug-In Terminal
P : PCB Terminal
S
1
2
3
4
5
6
LB1 N
C
TUV FILE NO.: R09956267
Coil
Nominal
Voltage
(50/60Hz)
Coil
Nominal
Voltage
(VDC)
Maximum
Pick Up
Voltage (V)
Minimum
Drop Out
Voltage (V)
6
12
24
48
100/110
220/240
Resistance
Tol. 10%
±
(Ohms)
Maximum
Pick Up
Voltage (V)
Minimum
Drop Out
Voltage (V)
Resistance
Tol. 10%
±
(Ohms)
10
45
160
670
3,900
16,000
1.8
3.6
7.2
14.4
33.0
66.0
4.8
9.6
19.2
38.4
88.0
176.0
6
12
24
48
100/110
40
160
650
2,600
11,000
0.6
1.2
2.4
4.8
11.0
4.5
9.0
18.0
36.0
82.5
AC 1.2VA
DC 0.9-1.1W
Nominal
Current
(mA)
150
75
37
19
9
RAYEX ELEC.ISSUED RECOY INT’L.


Similar Part No. - LB1-12AS

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
LB10 GULFSEMI-LB10 Datasheet
96Kb / 2P
SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT FLAT BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 0.6A
logo
MORNSUN Science& Techno...
LB10-10A05 MORNSUN-LB10-10A05 Datasheet
220Kb / 10P
AC-DC CONVERTER
LB10-10A05 MORNSUN-LB10-10A05 Datasheet
658Kb / 6P
LB series ---- is a compact size power converter offered by Mornsun.
LB10-10A12 MORNSUN-LB10-10A12 Datasheet
220Kb / 10P
AC-DC CONVERTER
LB10-10A12 MORNSUN-LB10-10A12 Datasheet
658Kb / 6P
LB series ---- is a compact size power converter offered by Mornsun.
More results

Similar Description - LB1-12AS

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
LB SHARMA-LB Datasheet
352Kb / 2P
LB Series
logo
Taiyo Yuden (U.S.A.), I...
LB1608T100M TAIYO-YUDEN-LB1608T100M Datasheet
288Kb / 3P
Wire-wound Chip Inductors (LB series)[LB]
LB2012T101M TAIYO-YUDEN-LB2012T101M_19 Datasheet
288Kb / 3P
Wire-wound Chip Inductors (LB series)[LB]
LB2012T150K TAIYO-YUDEN-LB2012T150K_19 Datasheet
288Kb / 3P
Wire-wound Chip Inductors (LB series)[LB]
LB2012T470K TAIYO-YUDEN-LB2012T470K_19 Datasheet
288Kb / 3P
Wire-wound Chip Inductors (LB series)[LB]
LB2016T100M TAIYO-YUDEN-LB2016T100M_19 Datasheet
289Kb / 3P
Wire-wound Chip Inductors (LB series)[LB]
LB2016T101M TAIYO-YUDEN-LB2016T101M_19 Datasheet
288Kb / 3P
Wire-wound Chip Inductors (LB series)[LB]
LB2016T150K TAIYO-YUDEN-LB2016T150K_19 Datasheet
289Kb / 3P
Wire-wound Chip Inductors (LB series)[LB]
LB2016T220K TAIYO-YUDEN-LB2016T220K_19 Datasheet
288Kb / 3P
Wire-wound Chip Inductors (LB series)[LB]
LB2016T470K TAIYO-YUDEN-LB2016T470K_19 Datasheet
288Kb / 3P
Wire-wound Chip Inductors (LB series)[LB]
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com