Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER50ASP Datasheet(PDF) 5 Page - STMicroelectronics

Part # VIPER50ASP
Description  SMPS PRIMARY I.C.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER50ASP Datasheet(HTML) 5 Page - STMicroelectronics

  VIPER50ASP Datasheet HTML 1Page - STMicroelectronics VIPER50ASP Datasheet HTML 2Page - STMicroelectronics VIPER50ASP Datasheet HTML 3Page - STMicroelectronics VIPER50ASP Datasheet HTML 4Page - STMicroelectronics VIPER50ASP Datasheet HTML 5Page - STMicroelectronics VIPER50ASP Datasheet HTML 6Page - STMicroelectronics VIPER50ASP Datasheet HTML 7Page - STMicroelectronics VIPER50ASP Datasheet HTML 8Page - STMicroelectronics VIPER50ASP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
VIPer50/SP - VIPer50A/ASP
5/23
ELECTRICAL CHARACTERISTICS (continued)
OSCILLATOR SECTION
ERROR AMPLIFIER SECTION
PWM COMPARATOR SECTION
SHUTDOWN AND OVERTEMPERATURE SECTION
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
FSW
Oscillator Frequency
Total Variation
Rt=8.2KΩ; Ct=2.4nF
VDD=9 to 15V;
with Rt± 1%; Ct± 5%
(see fig. 6 and fig. 9)
90
100
110
kHz
VOSCih
Oscillator Peak Voltage
7.1
V
VOSCil
Oscillator Valley Voltage
3.7
V
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VDDreg
VDD Regulation Point
ICOMP=0mA
(see fig. 1)
12.6
13
13.4
V
∆V
DDreg
Total Variation
Tj=0 to 100°C
2
%
GBW
Unity Gain Bandwidth
From Input =VDD to Output = VCOMP
COMP pin is open
(see fig. 10)
150
kHz
AVOL
Open Loop Voltage Gain
COMP pin is open
(see fig. 10)
45
52
dB
Gm
DC Transconductance
VCOMP=2.5V
(see fig. 1)
1.1
1.5
1.9
mA/V
VCOMPLO
Output Low Level
ICOMP= -400µA; VDD=14V
0.2
V
VCOMPHI
Output High Level
ICOMP=400µA; VDD=12V
4.5
V
ICOMPLO
Output Low Current
Capability
VCOMP=2.5V; VDD=14V
-600
µA
ICOMPHI
Output High Current
Capability
VCOMP=2.5V; VDD=12V
600
µA
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
HID
∆V
COMP / ∆IDPEAK
VCOMP=1 to 3 V
1.422.6
V/A
VCOMPoff
VCOMP Offset
IDPEAK=10mA
0.5
V
IDpeak
Peak Current Limitation
VDD=12V; COMP pin open
1.5
2
2.7
A
td
Current Sense Delay to
Turn-Off
ID=0.5A
250
ns
tb
Blanking Time
250
360
ns
ton(min)
Minimum On Time
350
1200
ns
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VCOMPth
Restart Threshold
(see fig. 4)
0.5
V
tDISsu
Disable Set Up Time
(see fig. 4)
1.7
5
µs
Ttsd
Thermal Shutdown
Temperature
(See fig. 8)
140
170
°C
Thyst
Thermal Shutdown
Hysteresis
(See fig. 8)
40
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com