Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB2-12AS Datasheet(PDF) 2 Page - RAYEX ELECTRONICS CO., LTD

Part # LB2-12AS
Description  LB SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAYEX [RAYEX ELECTRONICS CO., LTD]
Direct Link  https://www.relay-rayex.com/
Logo RAYEX - RAYEX ELECTRONICS CO., LTD

LB2-12AS Datasheet(HTML) 2 Page - RAYEX ELECTRONICS CO., LTD

  LB2-12AS Datasheet HTML 1Page - RAYEX ELECTRONICS CO., LTD LB2-12AS Datasheet HTML 2Page - RAYEX ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LB1
CONTACT RATING
Resistive (Cos.q = 1)
Inductive (Cos.q = 0.4 )
AC 240V / DC 30V
AC 240V / DC 24V
AC 240V
15A
15A
8A
TUV
TUV
LB1 TYPE
DIMENSIONS(±0.2mm)
Resistive (Cos.q = 1)
Inductive (Cos.q = 0.4 )
AC 240V / DC 30V
AC 240V / DC 24V
AC 240V
12A
10A
5A
TUV
TUV
LB2 TYPE
Resistive (Cos.q = 1)
Inductive (Cos.q = 0.4 )
AC 240V / DC 30V
AC 240V / DC 24V
AC 240V
10A
10A
5A
TUV
TUV
LB2H TYPE
Resistive (Cos.q = 1)
Inductive (Cos.q = 0.4 )
AC 240V / DC 30V
AC 240V / DC 24V
AC 240V
5A
5A
3A
TUV
TUV
LB4H TYPE
Flange Cover
LB2-(T)
21.5
10
21.5
1
2
3
4
6
7
8
21.5
3.6
10
1
2
3
4
6
7
8
35
6.3
35
6.3
21.5
10
21.5
1
2
3
4
5
6
7
8
21.5
3.6
10
1
2
3
4
5
6
7
8
RAYEX ELEC.ISSUED RECOY INT’L.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com