Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS21LS Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # BAS21LS
Description  High-speed switching diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS21LS Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  BAS21LS Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS21LS Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS21LS Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS21LS Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS21LS Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS21LS Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS21LS Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS21LS Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS21LS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Nexperia
BAS21LS
High-speed switching diode
9. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
[1]
-
-
375
K/W
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[2]
-
-
205
K/W
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided, 70 μm copper, tin-plated and standard footprint.
[2] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided, 70 μm copper, tin-plated mounting pad for cathode 1cm2.
aaa-033761
103
Zth(j-a)
(K/W)
10-2
tp (s)
10-6
103
10-1
1
10
102
102
10
1
10-1
10-2
10-3
10-4
10-5
duty cycle = 1
0
0.01
0.02
0.75
0.50
0.20
0.10
0.05
0.25
0.33
FR4 PCB, 70 μm single sided copper, standard footprint
Fig. 1. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
aaa-033762
103
Zth(j-a)
(K/W)
10-2
tp (s)
10-6
103
10-1
1
10
102
102
10
1
10-1
10-2
10-3
10-4
10-5
duty cycle = 1
0.01
0.02
0.75
0.50
0.20
0.10
0.05
0.25
0
0.33
FR4 PCB, 70 μm single sided copper, mounting pad for cathode 1 cm2
Fig. 2. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
BAS21LS
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
7 October 2021
3 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com