Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS30LS Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BAS30LS
Description  High-speed switching diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS30LS Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BAS30LS Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS30LS Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS30LS Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS30LS Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS30LS Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS30LS Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS30LS Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS30LS Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS30LS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
BAS30LS
High-speed switching diode
3 November 2021
Product data sheet
1. General description
High-speed switching diode, encapsulated in a leadless ultra small DFN1006BD-2 (SOD882BD)
Surface-Mounted Device (SMD) plastic package with side-wettable flanks.
2. Features and benefits
• High switching speed: trr ≤ 50 ns
• Low leakage current
• High reverse voltage VR ≤ 300 V
• Low capacitance: Cd ≤ 2 pF
• Ultra small and leadless SMD plastic package
• Suitable for Automatic Optical Inspection (AOI) of solder joint
3. Applications
• High-speed switching
• General-purpose switching
• Voltage clamping
• Reverse polarity protection
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF
forward current
[1]
-
-
250
mA
VR
reverse voltage
-
-
300
V
VRRM
repetitive peak reverse
voltage
Tj = 25 °C
-
-
300
V
IR
reverse current
VR = 250 V; Tj = 25 °C
-
-
150
nA
trr
reverse recovery time
IF = 30 mA; IR = 30 mA; RL = 100 Ω;
IR(meas) = 3 mA; Tamb = 25 °C
-
-
50
ns
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided, 70 µm copper, tin-plated and standard footprint.


Similar Part No. - BAS30LS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BAS30LS-Q NEXPERIA-BAS30LS-Q Datasheet
228Kb / 10P
High-speed switching diode
3 November 2021
More results

Similar Description - BAS30LS

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HYFH ROHM-BAV70HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com