Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2012341663 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 2012341663
Description  Pico-Clasp 3 Circuit 100MM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

2012341663 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  2012341663 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DOCUMENT NUMBER
DOC TYPE
DOC PART
2012341663
PSD
000
GENERAL
TOLERANCES
(UNLESS SPECIFIED)
ANGULAR TOL ±
°
SERIES
MATERIAL NUMBER
CUSTOMER
GENERAL MARKET
201234
SEE TABLE
4 PLACES
±
3 PLACES
±
2 PLACES
±
1 PLACE
±
0 PLACES
±
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
DIMENSION UNITS
SCALE
MM
NTS
DRWN BY
DATE
WLXIE
2016/11/17
CHK'D BY
DATE
DHUANG16
2016/12/05
APPR BY
DATE
DRAWING SIZE
THIRD ANGLE PROJECTION
A3
SEE TABLE
PRODUCT CUSTOMER DRAWING
A
SHEET NUMBER
1 OF 1
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX ELECTRONIC TECHNOLOGIES, LLC AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
9
9
A
A
B
B
C
C
D
D
E
E
QUALITY
SYMBOLS
=
0
=
0
=
0
=
0
=
0
=
0
=
0
=
0
FORMAT: master-tb-prod-A3
REVISION: G
DATE: 2015/12/14
RELEASE STATUS
P1
RELEASE DATE
12.12.2016
03:03:06
C
DETAIL A
A B
A
1
1
P1
SEE DETAIL A
C
MOLEX
P/N:15133XXXX
B
P2
3
D
3
NOTES
1. THIS PRODUCT MUST MEET 2011/65/EU ROHS COMPLIANCE.
此产品需符合 2011/65/EU ROHS环保要求.
2. ELECTRICAL PERFORMANCE REFER TO ES-000.
电气特性参考ES-000.
3. LABEL TEXT MUST BE 2mm MAX. IN HEIGHT WITH ARIAL FONT.
标签字高最大2mm,字体ARIAL.
L2
L1
D
Blank label 12.7x35.5mm (WHT:12.7mm) HF
1
C
28AWG;PLATED;PVC;BK;OD=0.60MM;UL1571
A/R
B
1.0 WtB Crimp Rec Term Chn, Tin Plating
6
A
1.0 W/B 1-Row Rec Hsg Positive Lock 3Ckt
2
ITEM
DESCRIPTION
L(MM) Q'TY
REVISIONS
EC NO
DATE
REV
DESCRIPTION
CHANGER
2016.12.07
A
INITIAL RELEASE.
DICK
TABLE
PART NUMBER
L1
L2
TITLE
151330300
50±5
18REF
Pico-Clasp 3 Circuit 50MM
151330301
100±8
44REF
Pico-Clasp 3 Circuit 100MM
151330302
150±10
69REF
Pico-Clasp 3 Circuit 150MM
151330303
300±10
144REF
Pico-Clasp 3 Circuit 300MM
151330305
450±15
219REF
Pico-Clasp 3 Circuit 450MM
151330306
600±15
294REF
Pico-Clasp 3 Circuit 600MM
WIRING CHART
P1
P2
COLOR
1
3
BLACK
2
2
BLACK
3
1
BLACK
MOLEX PN


Similar Part No. - 2012341663

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2012341663 MOLEX-2012341663 Datasheet
152Kb / 1P
Pico-Clasp 3 Circuit 50MM
2016/12/05
2012341663 MOLEX-2012341663 Datasheet
152Kb / 1P
Pico-Clasp 3 Circuit 150MM
2016/12/05
More results

Similar Description - 2012341663

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
151330200 MOLEX-151330200 Datasheet
149Kb / 1P
Pico-Clasp 2 Circuit 50MM
2016/12/05
151330300 MOLEX-151330300 Datasheet
152Kb / 1P
Pico-Clasp 3 Circuit 50MM
2016/12/05
151330302 MOLEX-151330302 Datasheet
152Kb / 1P
Pico-Clasp 3 Circuit 150MM
2016/12/05
151330306 MOLEX-151330306 Datasheet
152Kb / 1P
Pico-Clasp 3 Circuit 600MM
2016/12/05
151330400 MOLEX-151330400 Datasheet
152Kb / 1P
Pico-Clasp 4 Circuit 50MM
2016/12/05
151330505 MOLEX-151330505 Datasheet
153Kb / 1P
Pico-Clasp 5 Circuit 450MM
2016/12/06
151330602 MOLEX-151330602 Datasheet
155Kb / 1P
Pico-Clasp 6 Circuit 150MM
2016/12/05
151330605 MOLEX-151330605 Datasheet
155Kb / 1P
Pico-Clasp 6 Circuit 450MM
2016/12/05
151330606 MOLEX-151330606 Datasheet
155Kb / 1P
Pico-Clasp 6 Circuit 600MM
2016/12/05
151330801 MOLEX-151330801 Datasheet
156Kb / 1P
Pico-Clasp 8 Circuit 100MM
2016/12/05
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com