Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP04CM596 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STP04CM596
Description  4-Bit constant current for power-LED, LED sink driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP04CM596 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STP04CM596 Datasheet HTML 2Page - STMicroelectronics STP04CM596 Datasheet HTML 3Page - STMicroelectronics STP04CM596 Datasheet HTML 4Page - STMicroelectronics STP04CM596 Datasheet HTML 5Page - STMicroelectronics STP04CM596 Datasheet HTML 6Page - STMicroelectronics STP04CM596 Datasheet HTML 7Page - STMicroelectronics STP04CM596 Datasheet HTML 8Page - STMicroelectronics STP04CM596 Datasheet HTML 9Page - STMicroelectronics STP04CM596 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Maximum rating
STP04CM596
6/24
3.2
Recommended operating conditions
Table 4. Recommended operating conditions
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VDD
Supply voltage
3.3
5.0
5.5
V
VO
Output voltage
16.0
V
IO
Output current
OUTn VDD = 5V
80
500
mA
IOH
Output current
Serial-OUT
+1
mA
IOL
Output current
Serial-OUT
-1
mA
VIH
Input voltage
0.7VDD
VDD+0.3
V
VIL
Input voltage
-0.3
0.3VDD
V
twLAT
LE pulse width
VDD = 3.0 to 3.6V
20
6.5
ns
twCLK
CLK pulse width
20
7.0
ns
twEN
OE pulse width
400
100
ns
tSETUP(D)
Setup time for DATA
20
3.3
ns
tHOLD(D)
Hold time for DATA
15
1.5
ns
tSETUP(L)
Setup time for LATCH
15
5
ns
tHOLD(E)
Hold time for ENABLE
60
38
ns
fCLK
Clock frequency
Cascade operation (1)
1.
If multiple devices are cascaded, it may not be possible achieve the maximum data transfer. Please
consider the timing conditions carefully.
25
MHz
TOPR
Operating temperature
range
-40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com