Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7260 Datasheet(PDF) 96 Page - STMicroelectronics

Part # ST7260
Description  LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 8K FLASH/ROM AND SERIAL COMMUNICATION INTERFACE (SCI)
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7260 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button ST7260 Datasheet HTML 92Page - STMicroelectronics ST7260 Datasheet HTML 93Page - STMicroelectronics ST7260 Datasheet HTML 94Page - STMicroelectronics ST7260 Datasheet HTML 95Page - STMicroelectronics ST7260 Datasheet HTML 96Page - STMicroelectronics ST7260 Datasheet HTML 97Page - STMicroelectronics ST7260 Datasheet HTML 98Page - STMicroelectronics ST7260 Datasheet HTML 99Page - STMicroelectronics ST7260 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 117 page
background image
ST7260
96/117
Figure 50. Typ. RPU vs. VDD
13.8.2 Output Driving Current
Subject to general operating condition for VDD, fCPU, and TA unless otherwise specified.
Notes:
1. The IIO current sunk must always respect the absolute maximum rating specified in Section 13.2 and the sum of IIO (I/
O ports and control pins) must not exceed IVSS.
2. The IIO current sourced must always respect the absolute maximum rating specified in Section 13.2 and the sum of IIO
(I/O ports and control pins) must not exceed IVDD. True open drain I/O pins does not have VOH.
Figure 51. VOL standard VDD=5 V
Figure 52. VOL high sink VDD=5 V
Rpu (KOhm)
0
20
40
60
80
100
120
140
4
4.2
4.4
4.6
4.8
5
5.2
5.4
Vdd (V)
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
1)
Output low level voltage for a standard I/O pin
when up to 8 pins are sunk at the same time, Port
A0, Port A(3:7), Port C(0:2)
IIO=+1.6 mA
0.4
V
Output low level voltage for a high sink I/O pin
when up to 4 pins are sunk at the same time, Port
B(0:7)
IIO=+10 mA
1.3
Output low level voltage for a very high sink I/O
pin when up to 2 pins are sunk at the same time,
Port A1, Port A2
IIO=+25 mA
1.5
VOH
2)
Output high level voltage for an I/O pin
when up to 8 pins are sourced at same time
IIO=-10 mA
VDD-1.3
IIO=-1.6 mA VDD-0.8
Vol_2mA (mV) at Vdd=5V
0
50
100
150
200
250
11.522.5
33.5
4
Iio (mA)
Vol_10mA (V) at Vdd=5V
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
5
7
9
11
13
15
17
19
Iio (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com