Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRJ45 Datasheet(PDF) 1 Page - ITT Industries

Part # STDRJ45
Description  Ethernet Patch Cords with connectors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

STDRJ45 Datasheet(HTML) 1 Page - ITT Industries

  STDRJ45 Datasheet HTML 1Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Any use of the present items out of normal conditions is not guaranteed.
The characteristics related to this document are not contractual and can be modified without warning.
www.ittcannon.com
www.ittcannon.com/rj45
Ethernet Patch Cords with connectors
IP67 RJI45 / IP67 RJI45 or
IP67 RJI45 / std RJ45
Cable Sheath: PVC or Polyurethane.
Seal inside coupling Nut: Nitrile.
Coupling Nut; Zamac (Zinc alloy) with Cu 3 to 5 µm + Ni 2 to 4 µm plating protection (or Stainless Steel option).
1 meter cable
RJI CY12233E0100
RJI CW22233/0100
RJI CX12233E0100
RJI CV22233/0100
3 meters cable
RJI CY12233E0300
RJI CW22233/0300
RJI CX12233E0300
RJI CV22233/0300
5 meters cable
RJI CY12233E0500
RJI CW22233/0500
RJI CX12233E0500
RJI CV22233/0500
8 meters cable
RJI CY12233E0800
RJI CW22233/0800
RJI CX12233E0800
RJI CV22233/0800
Stainless steel
RJI DY12233Exxxx
RJI DW22233/xxxx
RJI DX12233Exxxx
RJI DV22233/xxxx
coupling nut
(by request)
xxxx = length in cm
100 ohms
Cable Sheath
STP 4 pairs
Cat 6
PVC
S/FTP 4 pairs Cat 5E
Polyurethane
(VDE 0282 part 10)
STP 4 pairs
Cat 6
PVC
S/FTP 4 pairs Cat 5E
Polyurethane
(VDE 0282 part 10)
Zamac Metal
Coupling
Nut Plug
Reference
Reference
Reference
Reference
IP67 RJI / IP67 RJI
Patch Cords
IP67 RJI / Std RJ45
Patch Cords
PVC over moulded
with IP67 sealing
• Thread coupling with
IP67 sealing performance.
•
IK10 shocks resistant mated connector for harsh environments.
• Several standard patch cords lengths. Specific length on request.
• Long and precise
plug connector guiding before electrical mating.
•
No tool and assembly required.
•
Cat 5E or Cat 6 patch cords available.
• Polyurethane sheath version for oil, petrol and chemicals resistance.
• Option in stainless steel for food processing and chemical industry applications.
• Anti vandalism tight end thread coupling using wrench.
Other lengths available by request


Similar Part No. - STDRJ45

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
STDRC12B SEOUL-STDRC12B Datasheet
974Kb / 18P
Horticulture ??3030 series
STDRG16AB SEOUL-STDRG16AB Datasheet
833Kb / 24P
Applicable for automotive exterior light
logo
STMicroelectronics
STDRIVE101 STMICROELECTRONICS-STDRIVE101 Datasheet
959Kb / 13P
STDRIVE101 demonstration board for three-phase brushless motors
Oct-2020
STDRIVE101 STMICROELECTRONICS-STDRIVE101 Datasheet
1Mb / 11P
Compact, customizable and configurable reference design for battery operated BLDC/PMSM power tools based on STM32G473 and STDRIVE 101
03-Apr-2024
STDRIVE101 STMICROELECTRONICS-STDRIVE101 Datasheet
882Kb / 32P
Triple half-bridge gate driver
26-Oct-2020
More results

Similar Description - STDRJ45

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
72919 POMONA-72919 Datasheet
143Kb / 1P
2mm SAFETY Sheathed Patch Cords
72920 POMONA-72920 Datasheet
129Kb / 1P
2mm SAFETY Sheathed Patch Cords
logo
List of Unclassifed Man...
NPC-1803 ETC2-NPC-1803 Datasheet
170Kb / 1P
Snagless cat5e patch cords
logo
PANDUIT CORP.
UTPCH3Y PANDUIT-UTPCH3Y Datasheet
206Kb / 1P
TX5e UTP Patch Cords
logo
Bel Fuse Inc.
CA81-020M-01 BEL-CA81-020M-01 Datasheet
506Kb / 1P
Category 8.1 Patch Cords
SS-77100-015 BEL-SS-77100-015 Datasheet
1Mb / 2P
Category 8.2 Series Cable Jacks and Patch Cords
logo
HARTING Technology Grou...
09-14-001-4621 HARTING-09-14-001-4621 Datasheet
470Kb / 2P
Han RJ45 module, male for patch cords
logo
PANDUIT CORP.
UTP28CH25BL PANDUIT-UTP28CH25BL Datasheet
820Kb / 2P
Category 5e Performance SD UTP Patch Cords
4/2014
CPP24FMWBLY PANDUIT-CPP24FMWBLY Datasheet
105Kb / 2P
TX6A??10Gig??UTP Patch Cords with MaTriX Technology
5/2011
F52ERLNLNSNM001 PANDUIT-F52ERLNLNSNM001 Datasheet
198Kb / 2P
Opti-Core짰 Fiber Optic Patch Cords and Pigtails
4/2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com