Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BY211U2CWCNB2 Datasheet(PDF) 5 Page - ITT Industries

Part # BY211U2CWCNB2
Description  4 Tumbler Value Added Security Switchlocks
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

BY211U2CWCNB2 Datasheet(HTML) 5 Page - ITT Industries

  BY211U2CWCNB2 Datasheet HTML 1Page - ITT Industries BY211U2CWCNB2 Datasheet HTML 2Page - ITT Industries BY211U2CWCNB2 Datasheet HTML 3Page - ITT Industries BY211U2CWCNB2 Datasheet HTML 4Page - ITT Industries BY211U2CWCNB2 Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
M
M–26
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
AVAILABLE HARDWARE
Key Code: A126
PART NO. (ONE KEY)
115140126
Material: Brass
Finish: Nickel plate
Key Code: A126
PART NO. (ONE KEY)
16564112602 BLACK
Material: Brass
Finish: Nickel plate
6/6 Nylon insert molded head
Key Code: 3434
PART NO. (ONE KEY)
11630CKBYST
Material: Brass
Finish: None
Control key (removes lock core)
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
1 CONTACTS & TERMINALS: Copper, with gold plate over nickel plate.
2 CONTACTS & TERMINALS: Copper, silver plated (standard with all termination options).
3 CONTACTS & TERMINALS: Copper, with gold plate over silver plate.
All models
with all options when ordered with ‘G’ or ‘Q’ contact material.
NOTE: ‘G’ contact material is equivalent to both ‘B’ and ‘Q’ contact materials.
C&K BY Series
4 Tumbler Value Added Security Switchlocks
CONTACT MATERIAL
CONTACT AND
OPTION
CODE
TERMINAL MATERIAL
RATING
Q
4 AMPS @ 125 V AC or 28 V DC; 2 AMPS @ 250 V AC (UL/CSA).
LOW LEVEL/DRY CIRCUIT
B
SILVER
2
POWER
0.4 VA MAX. @ 20 V AC or DC MAX
RoHS
COMPLIANT*
RoHS
COMPATIBLE*
YES
YES
YES
YES
LOW LEVEL/DRY CIRCUIT
OR POWER
G
YES
YES
GOLD
1
GOLD SILVER
3
0.4 VA MAX. @ 20 V AC or DC MAX. or 4 AMPS @ 125 V AC
or 28 V DC; 2 AMPS @ 250 V AC (UL/CSA)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com