Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BY01AF2CWCNB2 Datasheet(PDF) 1 Page - ITT Industries

Part # BY01AF2CWCNB2
Description  4 Tumbler Value Added Security Switchlocks
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

BY01AF2CWCNB2 Datasheet(HTML) 1 Page - ITT Industries

  BY01AF2CWCNB2 Datasheet HTML 1Page - ITT Industries BY01AF2CWCNB2 Datasheet HTML 2Page - ITT Industries BY01AF2CWCNB2 Datasheet HTML 3Page - ITT Industries BY01AF2CWCNB2 Datasheet HTML 4Page - ITT Industries BY01AF2CWCNB2 Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
M
M–22
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Models Available
C&K BY Series
4 Tumbler Value Added Security Switchlocks
Features/Benefits
• Anti-static switch
• Removable lock core
• Latch pawl option
• Snap-together assembly
Typical Applications
• Computers
• Point-of-sale terminals
• Postal equipment
Specifications
CONTACT RATING: Q contact material: 4 AMPS @ 125 V AC or
28 V DC; 2 AMPS @ 250 V AC (UL/CSA). Low level models
with gold plating available. See page M-26 for additional ratings.
ELECTRICAL LIFE: 10,000 make-and-break cycles at full load.
CONTACT RESISTANCE: Below 10 m
Ω typ. initial @ 2-4 V DC, 1
00 mA,for both silver and gold plated contacts.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level.
INDEXING: 45º or 90º, 2-3 positions. Other functions available,
consult Customer Service Center.
STATIC RESISTANCE: Anti-static models exceed 20 KV DC static
resistance @ sea level, lock body to terminals.
NOTE: Any models supplied with Q, B or G contact material are RoHS compliant. For the
latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for switchlocks with standard options.
For information on specific and custom switchlocks, consult Customer Service Center.
Materials
LOCK: 4 tumbler lock with positive detent. Shell-zinc alloy;
Core-ABS plastic, black, std.; Facing-ABS plastic, black.
KEYS: Two nickel plated brass keys with code number. Plastic key
cover, black.
SWITCH HOUSING: Glass filled polyester (UL 94V-0).
CONTACTS & TERMINALS: Q contact material: Copper, silver plated.
See page M-26 for additional contact materials.
MOUNTING NUT: Zinc alloy.
MOUNTING CLIP: Steel, zinc plated.
TERMINAL SEAL: Epoxy.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages M–23 through M–26. For additional options not shown in catalog, consult Customer Service Center.
Switch and Lock Function
BY011U SP, 90º, Index, keypull pos. 1 & 2
BY211U DP, 90º Index, keypull pos. 1 & 2
BY01AF SP, 45° Index, keypull pos. 1, 2 & 3
BY21AF DP, 45° Index, keypull pos. 1, 2 & 3
Lock Color
2
Black
Key Color
2
Black
NONE Nickel plated brass
Keying
J
One plastic round head key
and one nickel plated key
2
Two nickel plated keys
Mounting Style
N With nut
D With clip
L
With latch pawl
and nut
M With latch pawl
and clip
Terminations
03 Solder lug
with hole
WC Wire lead
Contact Material
Q Silver
B Gold
G Gold over silver
Lock Type
C 4 Tumbler lock with detent


Similar Description - BY01AF2CWCNB2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YF0013 ETC1-YF0013 Datasheet
346Kb / 4P
4 Tumbler Miniature Switchlocks
logo
ITT Industries
P101132CM03Q22 ITT-P101132CM03Q22 Datasheet
370Kb / 4P
4 Tumbler Snap-in Switchlocks
YF01132C2803NQ ITT-YF01132C2803NQ Datasheet
356Kb / 4P
4 Tumbler Miniature Switchlocks
YM06132C205NQ ITT-YM06132C205NQ Datasheet
319Kb / 3P
4 Tumbler Miniature Switchlocks
W201132C205AQ ITT-W201132C205AQ Datasheet
464Kb / 5P
4 & 6 Tumbler Switchlocks
logo
C&K Components
YF01132C203NQ CK-COMPONENTS-YF01132C203NQ Datasheet
211Kb / 4P
4 Tumbler Miniature Switchlocks
YM06132C205NQ CK-COMPONENTS-YM06132C205NQ Datasheet
182Kb / 3P
4 Tumbler Miniature Switchlocks
H101132F205NQ2 CK-COMPONENTS-H101132F205NQ2 Datasheet
268Kb / 5P
4 & 6 Tumbler Power Switchlocks
YM CK-COMPONENTS-YM Datasheet
470Kb / 3P
4 Tumbler Miniature Switchlocks
2018
YF CK-COMPONENTS-YF Datasheet
534Kb / 4P
4 Tumbler Miniature Switchlocks
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com