Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BY01AFJC03DB2 Datasheet(PDF) 3 Page - ITT Industries

Part # BY01AFJC03DB2
Description  4 Tumbler Value Added Security Switchlocks
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

BY01AFJC03DB2 Datasheet(HTML) 3 Page - ITT Industries

  BY01AFJC03DB2 Datasheet HTML 1Page - ITT Industries BY01AFJC03DB2 Datasheet HTML 2Page - ITT Industries BY01AFJC03DB2 Datasheet HTML 3Page - ITT Industries BY01AFJC03DB2 Datasheet HTML 4Page - ITT Industries BY01AFJC03DB2 Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
M
M–24
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
KEYING
.798
(20,26)
1.733
(44,01)
.775
(19,68)
NICKEL PLATED BRASS KEY
Key part number:
115140126
NICKEL PLATED BRASS KEY WITH
PLASTIC INSERT MOLDED ROUND HEAD
Key part number:
16564112602
= Detent Positions (45º or 90º )
= Key pull possible in these positions.
= Stop Positions
LEGEND
TERMINAL NUMBERS
Terminal numbers molded on housing.
NOTE: Keys available separately, see page M-26.
NO
YES
2 NICKEL PLATED BRASS KEYS
2
NO
YES
1 PLASTIC ROUND HEAD KEY,
1 NICKEL PLATED BRASS KEY
J
CODE NO.
ON LOCK
CODE NO.
ON KEY
KEYING OPTIONS
OPTION
CODE
BLACK
2
NICKEL
PLATED BRASS
NONE
KEY COLOR
OPTION
CODE
3/4 - 24 UNS THD.
MOUNTING NUT
INCLUDED STD.,
CLIP AVAILABLE.
TERMINAL NUMBERS
MOLDED ON HOUSING
45º
Positions 1, 2 & 3
7-8
7-8, 3-4
1-2
1-2, 5-6
8-1
8-1, 4-5
BY01AF
BY21AF
SP
DP
WITH
PAWL
INDEXING
LOCK
CONFIGURATION
KEY PULL
POSITIONS
CONNECTED TERMINALS
POS. 1
POS. 2
POS. 3
MODEL
NO.
NO.
POLES
Part number shown: BY01AFJC03LQ22
With Pawl
All models
with all options when ordered with ‘G’ or ‘Q’ contact material.
KEYING
KEY COLOR
C&K BY Series
4 Tumbler Value Added Security Switchlocks
SWITCH AND LOCK FUNCTION
NOTE: Key head shape subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com