Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL2002B Datasheet(PDF) 1 Page - Bolymin, Inc

Part # BL2002B
Description  OLED Display COB with metal frame
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOLYMIN [Bolymin, Inc]
Direct Link  http://www.bolymin.com.tw
Logo BOLYMIN - Bolymin, Inc

BL2002B Datasheet(HTML) 1 Page - Bolymin, Inc

  BL2002B Datasheet HTML 1Page - Bolymin, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BL2002B
Feature
Mechanical Data
Item
Module Dimension
Viewing Area
Dot Size
Character Size
Standard Value Unit
mm
mm
mm
mm
116 x 37.0
85 x 37.0
0.6 x 0.65
2.9 x 5.5
Dimension
BO LYM IN
1. OLED Display
2. COB with metal frame
3. 5x7 dots with cursor
4. Software command same as KS0066
5. + 5V single power supply
6. 1/16 duty cycle
7. Color: yellow - green
Input Voltage
Supply Current
Vdd
Idd
Vdd = +5V
5.0
20
V
mA
Typical
Value
Electronic Characteristics
Item
Symbol Condition
Unit
Pin Assignment
Pin
Symbol
Function
1
2
3
4
5
6
7~14
GND
+5V
H/L register select signal
H/L read/write signal
H --> L enable signal
Vss
Vdd
VBT
RS
R/W
E
DB0 ~ 7
15
NC
H/L data bus line
Pixel Brightness
lu
Vdd = +5V
35
cd/m
16
NC
Vdd = +5V
Brightness Adjustment(+3V)
59.0
4.0
108.0
116.0 0.5
2.5
1
2
15
16
4-Ø3.5 PTH
4-Ø5.5 PAD
4-Ø1.0 PTH
1.6
4.9
9.5 MAX
2.5
2.54
1
15
2
16
73.45(AA)
79.0(VA)
95.25 0.2
22.28
19.5
15.39
0.55
0.65
3.15
0.55
DOT SIZE
SCALE 5/1
PIN DETAIL
±
±
2


Similar Part No. - BL2002B

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BL2002A BOLYMIN-BL2002A Datasheet
97Kb / 1P
OLED Display COB with metal frame
BL2002A1 BOLYMIN-BL2002A1 Datasheet
234Kb / 1P
COG package
BL2002A1 BOLYMIN-BL2002A1_17 Datasheet
234Kb / 1P
COG package
BL2002AW BOLYMIN-BL2002AW Datasheet
309Kb / 1P
COG with SMT
BL2002AW BOLYMIN-BL2002AW_17 Datasheet
309Kb / 1P
COG With SMT
More results

Similar Description - BL2002B

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BL1602A BOLYMIN-BL1602A Datasheet
87Kb / 1P
OLED Display COB with metal frame
BL1602B BOLYMIN-BL1602B Datasheet
85Kb / 1P
OLED Display COB with metal frame
BL1602B1 BOLYMIN-BL1602B1 Datasheet
88Kb / 1P
OLED Display COB with metal frame
BL1602D BOLYMIN-BL1602D Datasheet
86Kb / 1P
OLED Display COB with metal frame
BL1602H BOLYMIN-BL1602H Datasheet
88Kb / 1P
OLED Display COB with metal frame
BL2002A BOLYMIN-BL2002A Datasheet
97Kb / 1P
OLED Display COB with metal frame
BL12864C BOLYMIN-BL12864C Datasheet
111Kb / 1P
OLED Display SMT with metal frame
BG19232A BOLYMIN-BG19232A Datasheet
556Kb / 1P
COB with metal frame
BC1601A2 BOLYMIN-BC1601A2_17 Datasheet
543Kb / 1P
COB with metal Frame
BC1602D BOLYMIN-BC1602D_17 Datasheet
546Kb / 1P
COB with metal Frame
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com