Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FCT540ATSOG Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 74FCT540ATSOG
Description  FAST CMOS OCTAL BUFFER/LINE DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FCT540ATSOG Datasheet(HTML) 6 Page - Renesas Technology Corp

  74FCT540ATSOG Datasheet HTML 1Page - Renesas Technology Corp 74FCT540ATSOG Datasheet HTML 2Page - Renesas Technology Corp 74FCT540ATSOG Datasheet HTML 3Page - Renesas Technology Corp 74FCT540ATSOG Datasheet HTML 4Page - Renesas Technology Corp 74FCT540ATSOG Datasheet HTML 5Page - Renesas Technology Corp 74FCT540ATSOG Datasheet HTML 6Page - Renesas Technology Corp 74FCT540ATSOG Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
6
74FCT540AT/CT
FASTCMOSOCTALBUFFER/LINEDRIVER
Feb.11.20
ORDERING INFORMATION
XX
Temperature
Range
FCT
XX
Package
XXXX
Device
Type
SO
Q
Small Outline IC (PSG20)
Quarter-size Small Outline Package (PCG20)
−40°C to +85°C
74
Tube
Tape and Reel
X
Blank
8
X
G
Green
540AT
540CT
Fast CMOS Octal Buffer/Line Driver
Datasheet Document History
10/10/2009
Pg. 6
Updated the ordering information by removing the "IDT" notation and non RoHS part.
11/28/2016
Pgs. 1,2,6
Updated datasheet obsolete SSOP package and added Tube, Tape and Reel.
05/06/2019
Pgs. 2,6
Addedtableunderpinconfigurationdiagramwithdetailedpackageinformationandorderablepart informationtable.
02/11/2020
Pgs. 1-7
RebrandedasRenesasdatasheet.
Speed
(ns)
Orderable Part ID
Pkg.
Code
Pkg.
Type
Temp.
Grade
A
74FCT540ATQG
PCG20
QSOP
I
74FCT540ATQG8
PCG20
QSOP
I
74FCT540ATSOG
PSG20
SOIC
I
74FCT540ATSOG8
PSG20
SOIC
I
C
74FCT540CTQG
PCG20
QSOP
I
74FCT540CTQG8
PCG20
QSOP
I
74FCT540CTSOG
PSG20
SOIC
I
74FCT540CTSOG8
PSG20
SOIC
I
Orderable Part Information



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com