Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74FST163233 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # IDT74FST163233
Description  16-BIT 2:1 MUX/DEMUX SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT74FST163233 Datasheet(HTML) 1 Page - Renesas Technology Corp

  IDT74FST163233 Datasheet HTML 1Page - Renesas Technology Corp IDT74FST163233 Datasheet HTML 2Page - Renesas Technology Corp IDT74FST163233 Datasheet HTML 3Page - Renesas Technology Corp IDT74FST163233 Datasheet HTML 4Page - Renesas Technology Corp IDT74FST163233 Datasheet HTML 5Page - Renesas Technology Corp IDT74FST163233 Datasheet HTML 6Page - Renesas Technology Corp IDT74FST163233 Datasheet HTML 7Page - Renesas Technology Corp IDT74FST163233 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
INDUSTRIALTEMPERATURERANGE
IDT74FST163233
16-BIT 2:1 MUX/DEMUX SWITCH
OCTOBER 2008
INDUSTRIAL TEMPERATURE RANGE
© 2002 Integrated Device Technology, Inc.
DSC-5517/3
FEATURES:
• Bus switches provide zero delay paths
• Low switch on-resistance
• TTL-compatible input and output levels
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
machine model (C = 200pF, R = 0)
• Hot insertion capability
• Very low power dissipation
• Available in SSOP and TSSOP packages
FUNCTIONAL BLOCK DIAGRAM
IDT74FST163233
16-BIT 2:1 MUX/DEMUX
SWITCH
DESCRIPTION:
The FST163233 belongs to IDT's family of Bus switches. Bus switch
devices perform the function of connecting or isolating two ports without
providing any inherent current sink or source capability. Thus they
generate little or no noise of their own while providing a low resistance path
for an external driver. These devices connect input and output ports through
an n-channel FET. When the gate-to-source junction of this FET is
adequately forward-biased the device conducts and the resistance be-
tween input and output ports is small. Without adequate bias on the gate-
to-source junction of the FET, the FET is turned off, therefore with no VCC
applied, the device has hot insertion capability.
The low on-resistance and simplicity of the connection between input and
output ports reduces the delay in this path to close to zero.
The FST163233 provides three 16-bit TTL-compatible ports that sup-
port 2:1 multiplexing. The SEL0,1 and TEST0,1 pins provide switch enable
and mux select control as shown below.
The A port can be connected to port 1B or port 2B or both ports 1B and
2B.
SEL0
O ne of 16 Channels
TEST0
0A1-8
2B1-8
1B1-8
SEL1
TEST1
1A9-16
2B9-16
1B9-16
O ne of 16 Channels


Similar Part No. - IDT74FST163233

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FST163233 IDT-IDT74FST163233 Datasheet
82Kb / 6P
16-BIT 2:1 MUX/DEMUX SWITCH
IDT74FST163233PA IDT-IDT74FST163233PA Datasheet
82Kb / 6P
16-BIT 2:1 MUX/DEMUX SWITCH
IDT74FST163233PF IDT-IDT74FST163233PF Datasheet
82Kb / 6P
16-BIT 2:1 MUX/DEMUX SWITCH
IDT74FST163233PV IDT-IDT74FST163233PV Datasheet
82Kb / 6P
16-BIT 2:1 MUX/DEMUX SWITCH
More results

Similar Description - IDT74FST163233

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FST163214 IDT-IDT74FST163214 Datasheet
80Kb / 6P
12-BIT 3:1 MUX/DEMUX SWITCH
IDT74FST163232 IDT-IDT74FST163232 Datasheet
88Kb / 6P
16-BIT SYNCHRONOUS 2:1 MUX/DEMUX SWITCH
IDT74FST163233 IDT-IDT74FST163233 Datasheet
82Kb / 6P
16-BIT 2:1 MUX/DEMUX SWITCH
logo
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
2:1 Mux/Demux Bus Switch
PI5C3303 PERICOM-PI5C3303 Datasheet
305Kb / 5P
SOTiny??2:1 Mux/DeMux Bus Switch
logo
Integrated Device Techn...
IDT74FST3257 IDT-IDT74FST3257 Datasheet
146Kb / 5P
QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
Quad 2:1 Mux/DeMux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
QUAD 2:1 MUX/DEMUX BUS SWITCH
US5C3257 UTC-US5C3257_15 Datasheet
139Kb / 6P
QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303_09 Datasheet
415Kb / 5P
SOTiny 2:1 Mux/DeMux Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com