Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAR862-8 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATAR862-8
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR862-8 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATAR862-8 Datasheet HTML 1Page - ATMEL Corporation ATAR862-8 Datasheet HTML 2Page - ATMEL Corporation ATAR862-8 Datasheet HTML 3Page - ATMEL Corporation ATAR862-8 Datasheet HTML 4Page - ATMEL Corporation ATAR862-8 Datasheet HTML 5Page - ATMEL Corporation ATAR862-8 Datasheet HTML 6Page - ATMEL Corporation ATAR862-8 Datasheet HTML 7Page - ATMEL Corporation ATAR862-8 Datasheet HTML 8Page - ATMEL Corporation ATAR862-8 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 106 page
background image
2
ATAR862-8
4589B–4BMCU–02/03
Pin Configuration
Figure 2. Pinning SSO24
XTAL
VS
GND
ENABLE
NRESET
BP63/T3I
BP20/NTE
BP23
BP41/T2I/VMI
BP42/T2O
BP43/SD/INT3
VSS
ANT1
ANT2
PA_ENABLE
CLK
BP60/T3O
OSC2
OSC1
BP50/INT6
BP52/INT1
BP53/INT1
BP40/SC/INT3
VDD
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
Pin Description: RF Part
Pin
Symbol
Function
Configuration
1
CLK
Clock output signal for microcontroller
The clock output frequency is set by the
crystal to f
XTAL/4
2
PA_ENABLE
Switches on power amplifier, used for
ASK modulation
3
4
ANT2
ANT1
Emitter of antenna output stage
Open collector antenna output
CLK
VS
100
100
PA_ENABLE
50k
Uref=1.1V
20 µA
ANT1
ANT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com