Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSOS Datasheet(PDF) 1 Page - MTRONPTI

Part # MSOS
Description  5V 9x14mm Surface Mount Crystal Clock Oscillators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

MSOS Datasheet(HTML) 1 Page - MTRONPTI

  MSOS Datasheet HTML 1Page - MTRONPTI MSOS Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TTL/CMOS Compatible
Anti-Static Tube or Tape & Reel Packaging
1.5 to 40 MHz Frequency Range
40/60% Symmetry Standard
45/55% Symmetry Available
±100ppm Stability Standard
±50ppm Stability Available
Enable Disable Standard
2553 N. Edgington Street, Franklin Park, IL 60131
Phone: 847.451.1000
Fax: 847.451.7585
800-888-1499 or www.champtech.com
1
MODEL
MSO
Frequency Range (MHz)
1.5 to 40
Frequency Stability (ppm)
Overall (Typical)
Inclusive of calibration, temperature, voltage, load, shock,vibration, aging
0°C to 70°C
±100
-40°C to +85°C
±100
Temperature Range (°C)
Operating
-40°C to +85°C
Storage
-55°C to +125°C
Supply Voltage (V)
+5.0 ±10%
Input Current (mA)
Symmetry (%) TTL/CMOS
40/60
ELECTRICAL SPECIFICATIONS
Start up Time (ms)
<5
PART NUMBERING GUIDE
MSOXXXE - Specify Frequency
“Blank” =0oC to 70oC Operating Temperature
“M” = -40oC to 85oC Operating Temperature
“Blank” = 40/60% Symmetry
“S” = 45/55% Symmetry
“Blank” = ±100ppm Stability
“5” = ±50ppm Stability
MSO Series
5V 9x14mm Surface Mount Crystal Clock Oscillators
1.5MHz to 20MHz
<17
> 20MHz
<26
10TTL/CMOS Compatible
Load
TR and TF (ns)
MSO5
±50
N/A
<5
Voltage Stability (ppm)
±3
Not Recommended for New Designs. Refer
to CMO5 Series as an Alternative.
“0” Level (VOL)
“1” Level (VOH)
0.5V max. @ IOL = 16mA
VCC-0.4V min. @ IOH = -1mA
OBSOLETE


Similar Part No. - MSOS

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
MSOS054A KEYSIGHT-MSOS054A Datasheet
4Mb / 42P
Infiniium S-Series High-Definition Oscilloscopes
MSOS054A KEYSIGHT-MSOS054A Datasheet
4Mb / 42P
Infiniium S-Series High-Definition Oscilloscopes
MSOS104A KEYSIGHT-MSOS104A Datasheet
4Mb / 42P
Infiniium S-Series High-Definition Oscilloscopes
MSOS104A KEYSIGHT-MSOS104A Datasheet
4Mb / 42P
Infiniium S-Series High-Definition Oscilloscopes
MSOS204A KEYSIGHT-MSOS204A Datasheet
4Mb / 42P
Infiniium S-Series High-Definition Oscilloscopes
More results

Similar Description - MSOS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMO5 ETC1-CMO5 Datasheet
409Kb / 2P
5V 5x7mm Surface Mount Crystal Clock Oscillators
F1100C ETC1-F1100C Datasheet
441Kb / 2P
5V FR-4 Surface Mount Crystal Clock Oscillators
logo
MTRONPTI
MSO2 MTRONPTI-MSO2 Datasheet
611Kb / 2P
5V 9x11mm Surface Mount Crystal Clock Oscillators
logo
List of Unclassifed Man...
K500F ETC1-K500F Datasheet
414Kb / 2P
5V Crystal Clock Oscillators
K1100F ETC1-K1100F Datasheet
427Kb / 2P
5V Crystal Clock Oscillators
K1110D ETC1-K1110D Datasheet
289Kb / 2P
5V Crystal Clock Oscillators
logo
MTRONPTI
K1300 MTRONPTI-K1300 Datasheet
107Kb / 2P
5V Crystal Clock Oscillators
K1400A MTRONPTI-K1400A Datasheet
279Kb / 2P
5V Crystal Clock Oscillators
K1110D MTRONPTI-K1110D Datasheet
289Kb / 2P
5V Crystal Clock Oscillators
RASCOPLUS MTRONPTI-RASCOPLUS Datasheet
604Kb / 2P
5V Crystal Clock Oscillators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com