Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTXO2EFAD Datasheet(PDF) 1 Page - MTRONPTI

Part # MTXO2EFAD
Description  14 DIP, 5.0 Volt, HCMOS/TTL, TCXO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

MTXO2EFAD Datasheet(HTML) 1 Page - MTRONPTI

  MTXO2EFAD Datasheet HTML 1Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
Stable TCXO to +/- 1ppm
Reference timing for SONET,
ATM, Instrumentation, and
Military Applications
MTXO Series
14 DIP, 5.0 Volt, HCMOS/TTL, TCXO
Revision: 12/13/05


Similar Part No. - MTXO2EFAD

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MTX-250 SLPOWER-MTX-250 Datasheet
96Kb / 2P
250, 350 WATTS MULTIPLE OUTPUT
MTX-253-0512 SLPOWER-MTX-253-0512 Datasheet
96Kb / 2P
250, 350 WATTS MULTIPLE OUTPUT
MTX-253-0512 SLPOWER-MTX-253-0512 Datasheet
96Kb / 2P
250, 350 WATTS MULTIPLE OUTPUT
MTX-254-1205 SLPOWER-MTX-254-1205 Datasheet
96Kb / 2P
250, 350 WATTS MULTIPLE OUTPUT
MTX-254-1205 SLPOWER-MTX-254-1205 Datasheet
96Kb / 2P
250, 350 WATTS MULTIPLE OUTPUT
More results

Similar Description - MTXO2EFAD

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
XO5160 MTRONPTI-XO5160 Datasheet
220Kb / 1P
14 pin DIP, 5.0 Volt, HCMOS/TTL, OCXO
MTXV MTRONPTI-MTXV Datasheet
58Kb / 1P
14 DIP, 5.0 Volt, HCMOS/TTL, TCVCXO
K1601T MTRONPTI-K1601T Datasheet
261Kb / 1P
14 DIP, 5.0 Volt, CMOS/TTL, TCXO
K1602T MTRONPTI-K1602T Datasheet
257Kb / 1P
14 DIP, 5.0 Volt, CMOS/TTL, TCXO
K1523BA MTRONPTI-K1523BA_07 Datasheet
534Kb / 2P
14 DIP, 5.0 Volt, TTL/HCMOS, VCXO
K1601T MTRONPTI-K1601T_07 Datasheet
281Kb / 2P
14 DIP, 5.0 Volt, CMOS/TTL, TCXO
MV11V1AD MTRONPTI-MV11V1AD Datasheet
275Kb / 1P
14 DIP, 5.0 Volt, HCMOS/TTL, VCXO
XO5160 MTRONPTI-XO5160_07 Datasheet
262Kb / 2P
14 pin DIP, 5.0 Volt, HCMOS/TTL, OCXO
MHO+ MTRONPTI-MHO+_07 Datasheet
408Kb / 1P
14 pin DIP, 5.0 Volt, HCMOS/TTL, Clock Oscillator
MV MTRONPTI-MV_07 Datasheet
396Kb / 1P
14 DIP, 5.0 Volt, HCMOS/TTL, VCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com