Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZWS-AF Datasheet(PDF) 18 Page - DENSEI-LAMBDA

Part # ZWS-AF
Description  Single output 50W ~ 150W
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

ZWS-AF Datasheet(HTML) 18 Page - DENSEI-LAMBDA

Back Button ZWS-AF Datasheet HTML 11Page - DENSEI-LAMBDA ZWS-AF Datasheet HTML 12Page - DENSEI-LAMBDA ZWS-AF Datasheet HTML 13Page - DENSEI-LAMBDA ZWS-AF Datasheet HTML 14Page - DENSEI-LAMBDA ZWS-AF Datasheet HTML 15Page - DENSEI-LAMBDA ZWS-AF Datasheet HTML 16Page - DENSEI-LAMBDA ZWS-AF Datasheet HTML 17Page - DENSEI-LAMBDA ZWS-AF Datasheet HTML 18Page - DENSEI-LAMBDA ZWS-AF Datasheet HTML 19Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
76
ZWS-PAF-SERIES
(Unit: mm)
(Unit: mm)
(Unit: mm)
(Unit: mm)
(Unit: mm)
ZWS240PAF (MOLEX connector type), /J (JST connector type)
ZWS240PAF/L (Molex connector, with L-angle type), /JL (JST connector, with L-angle type)
ZWS240PAF/A (Molex connector, with Cover type), /JA (JST connector, with Cover type)
ZWS240PAF/T (Vertical terminal type)
ZWS240PAF/TL (Vertical terminal, with L-angle type)
MAW-1202-22
GO!!
P134
Recommended Noise Filter
Recommended Wire harness
P209
GO!!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com