Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7482ARMZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADT7482ARMZ
Description  Dual Channel Temperature Sensor and Overtemperature Alarm
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7482ARMZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADT7482ARMZ Datasheet HTML 7Page - Analog Devices ADT7482ARMZ Datasheet HTML 8Page - Analog Devices ADT7482ARMZ Datasheet HTML 9Page - Analog Devices ADT7482ARMZ Datasheet HTML 10Page - Analog Devices ADT7482ARMZ Datasheet HTML 11Page - Analog Devices ADT7482ARMZ Datasheet HTML 12Page - Analog Devices ADT7482ARMZ Datasheet HTML 13Page - Analog Devices ADT7482ARMZ Datasheet HTML 14Page - Analog Devices ADT7482ARMZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADT7482
Rev. 0 | Page 11 of 24
TEMPERATURE DATA FORMAT
The ADT7482 has two temperature data formats. When the temperature measurement range is from 0°C to 127°C (default), the
temperature data format for both local and remote temperature results is binary.
When the measurement range is in extended mode, an offset binary data format is used for both local and remote results. Temperature
values in the offset binary data format are offset by +64. Examples of temperatures in both data formats are shown in Table 8.
Switching between measurement ranges can be done at any time. Switching the range also switches the data format. The next temperature
result following the switching is reported back to the register in the new format. However, the contents of the limit registers do not
change. Ensure that when the data format changes, the limit registers are reprogrammed as necessary. For more information, refer to the
Limit Registers section.
Table 8. Temperature Data Format (Local and Remote Temperature High Byte)
Temperature
Binary
Offset Binary1
–55°C
0 000 00002
0 000 1001
0°C
0 000 0000
0 100 0000
+1°C
0 000 0001
0 100 0001
+10°C
0 000 1010
0 100 1010
+25°C
0 001 1001
0 101 1001
+50°C
0 011 0010
0 111 0010
+75°C
0 100 1011
1 000 1011
+100°C
0 110 0100
1 010 0100
+125°C
0 111 1101
1 011 1101
+127°C
0 111 1111
1 011 1111
+150°C
0 111 11113
1 101 0110
1 Offset binary scale temperature values are offset by +64.
2 Binary scale temperature measurement returns 0 for temperature < 0°C.
3 Binary scale temperature measurement returns 127 for temperature > 127°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com