Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCU2A877ZQLR Datasheet(PDF) 5 Page - Texas Instruments

Part # CDCU2A877ZQLR
Description  1.8-V PHASE LOCK LOOP CLOCK DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCU2A877ZQLR Datasheet(HTML) 5 Page - Texas Instruments

  CDCU2A877ZQLR Datasheet HTML 1Page - Texas Instruments CDCU2A877ZQLR Datasheet HTML 2Page - Texas Instruments CDCU2A877ZQLR Datasheet HTML 3Page - Texas Instruments CDCU2A877ZQLR Datasheet HTML 4Page - Texas Instruments CDCU2A877ZQLR Datasheet HTML 5Page - Texas Instruments CDCU2A877ZQLR Datasheet HTML 6Page - Texas Instruments CDCU2A877ZQLR Datasheet HTML 7Page - Texas Instruments CDCU2A877ZQLR Datasheet HTML 8Page - Texas Instruments CDCU2A877ZQLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
CDCU2A877
SCAS827 – AUGUST 2006
MIN
NOM
MAX
UNIT
VDDQ
Output supply voltage
1.7
1.8
1.9
V
AVDD
Supply voltage(1)
VDDQ
VIL
Low-level input voltage(2)
OE, OS
0.35
× V
DDQ
V
VIH
High-level input voltage(2)
CK, CK
0.65
× V
DDQ
V
IOH
High-level output current (see Figure 2)
–18
mA
IOL
Low-level output current (see Figure 2)
18
mA
VIX
Input differential-pair cross voltage
(VDDQ/2)-0.15
(VDDQ/2)+0.15
V
VI
Input voltage level
–0.3
VDDQ+0.3
V
DC
0.3
VDDQ+0.4
V
VID
Input differential voltage(2) (see Figure 4)
AC
0.6
VDDQ+0.4
V
TA
Operating free-air temperature
0
70
°C
(1)
The PLL is turned off and bypassed for test purposes when AVDD is grounded. During this test mode, VDDQ remains within the
recommended operating conditions and no timing parameters are ensured.
(2)
VID is the magnitude of the difference between the input level on CK and the input level on CK, see Figure 4 for definition. The CK and
CK VIH and VIL limits define the dc low and high levels for the logic detect state.
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com