Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFQ251 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFQ251
Description  PNP video transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFQ251 Datasheet(HTML) 2 Page - NXP Semiconductors

  BFQ251 Datasheet HTML 1Page - NXP Semiconductors BFQ251 Datasheet HTML 2Page - NXP Semiconductors BFQ251 Datasheet HTML 3Page - NXP Semiconductors BFQ251 Datasheet HTML 4Page - NXP Semiconductors BFQ251 Datasheet HTML 5Page - NXP Semiconductors BFQ251 Datasheet HTML 6Page - NXP Semiconductors BFQ251 Datasheet HTML 7Page - NXP Semiconductors BFQ251 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1998 Oct 06
2
Philips Semiconductors
Product specification
PNP video transistor
BFQ251
FEATURES
• High breakdown voltages
• Low output capacitance
• High gain bandwidth
• Good thermal stability
• Gold metallization ensures
excellent reliability.
APPLICATIONS
• Buffer/driver in high-resolution
colour graphics monitors.
DESCRIPTION
PNP video transistor in a SOT54
(TO-92) plastic package.
NPN complement: BFQ231.
PINNING
PIN
DESCRIPTION
1
base
2
collector
3
emitter
Fig.1
Simplified outline
(SOT54; TO-92).
page
1
3
2
MSB033
QUICK REFERENCE DATA
Note
1. Ts is the temperature at the soldering point of the collector pin, 4 mm from the body.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. Ts is the temperature at the soldering point of the collector pin, 4 mm from the body.
2. Transistor mounted on a printed-circuit board with a metallized pad area of 10 mm2.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−−100
V
VCER
collector-emitter voltage
RBE = 100 Ω
−−−95
V
IC
collector current (DC)
−−−300
mA
Ptot
total power dissipation
Ts ≤ 65 °C; note 1
−−
1W
hFE
DC current gain
IC = −50 mA; VCE = −10 V
20
30
−
fT
transition frequency
IC = −50 mA; VCE = −10 V; Tamb =25 °C 1
1.3
−
GHz
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−100
V
VCEO
collector-emitter voltage
open base
−−65
V
VCER
collector-emitter voltage
RBE = 100 Ω−
−95
V
VEBO
emitter-base voltage
open collector
−−3V
IC
collector current (DC)
−−300
mA
Ptot
total power dissipation
Ts ≤ 65 °C; notes 1 and 2; see Fig.3
−
1W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com