Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR130BUJZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # ADR130BUJZ-R2
Description  Precision Series Sub-Band Gap Voltage Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR130BUJZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADR130BUJZ-R2 Datasheet HTML 8Page - Analog Devices ADR130BUJZ-R2 Datasheet HTML 9Page - Analog Devices ADR130BUJZ-R2 Datasheet HTML 10Page - Analog Devices ADR130BUJZ-R2 Datasheet HTML 11Page - Analog Devices ADR130BUJZ-R2 Datasheet HTML 12Page - Analog Devices ADR130BUJZ-R2 Datasheet HTML 13Page - Analog Devices ADR130BUJZ-R2 Datasheet HTML 14Page - Analog Devices ADR130BUJZ-R2 Datasheet HTML 15Page - Analog Devices ADR130BUJZ-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADR130
Rev. 0 | Page 14 of 16
NEGATIVE PRECISION REFERENCE WITHOUT
PRECISION RESISTORS
A negative reference is easily generated by adding an op amp,
A1, and is configured as shown in Figure 36. VOUT is at virtual
ground and, therefore, the negative reference can be taken
directly from the output of the op amp. The op amp must be
dual-supply, low offset, and rail-to-rail if the negative supply
voltage is close to the reference output.
1
2
3
6
5
4
NC
GND
VIN
VOUT
SET
NC
U2
ADR130
+VDD
–VREF
–VDD
0.1µF
V+
V–
A1
OP291
1kΩ
Figure 36. Negative Reference, −VREF = −0.5 V
PRECISION CURRENT SOURCE
In low power applications, the need can arise for a precision
current source that can operate on low supply voltages. The
ADR130 can be configured as a precision current source (see
Figure 37). The circuit configuration shown is a floating current
source with a grounded load. The reference output voltage is
bootstrapped across RSET, which sets the output current into the
load. With this configuration, circuit precision is maintained for
load currents ranging from the reference supply current,
typically 85 μA, to approximately 4 mA.
1
2
3
6
5
4
NC
GND
VIN
VOUT
SET
NC
ADR130
RSET
VIN
P1
RL
Figure 37. ADR130 as a Precision Current Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com