Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7643 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7643
Description  16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7643 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7643 Datasheet HTML 8Page - Analog Devices AD7643 Datasheet HTML 9Page - Analog Devices AD7643 Datasheet HTML 10Page - Analog Devices AD7643 Datasheet HTML 11Page - Analog Devices AD7643 Datasheet HTML 12Page - Analog Devices AD7643 Datasheet HTML 13Page - Analog Devices AD7643 Datasheet HTML 14Page - Analog Devices AD7643 Datasheet HTML 15Page - Analog Devices AD7643 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
AD7610
Rev. 0 | Page 12 of 32
0
–160
0
125
FREQUENCY (kHz)
100
25
50
75
–20
–40
–60
–80
–100
–120
–140
fS = 250kSPS
fIN = 19.95kHz
SNR = 93.4dB
THD = –107dB
SFDR = 114dB
SINAD = 93dB
Figure 11. FFT 20 kHz
80
82
84
86
88
90
92
94
96
1
10
100
14.4
14.6
14.8
15.0
15.2
15.4
15.6
15.8
16.0
SNR
SINAD
ENOB
FREQUENCY (kHz)
Figure 12. SNR, SINAD, and ENOB vs. Frequency
96
90
–55
125
TEMPERATURE (°C)
93
92
91
94
95
–35
–15
5
25
45
65
85
105
VIN = 0V TO 5V
VIN = 0V TO 10V
VIN = ±5V
VIN = ±10V
Figure 13. SNR vs. Temperature
93.0
93.5
94.0
94.5
95.0
–60
–50
–40
–30
–20
–10
0
SNR
SINAD
±10V
±5V
INPUT LEVEL (dB)
0V TO 10V
0V TO 5V
Figure 14. SNR and SINAD vs. Input Level (Referred to Full Scale)
–130
–120
–110
–100
–90
–80
–70
1
10
100
60
70
80
90
100
110
120
SFDR
SECOND
HARMONIC
THIRD
HARMONIC
FREQUENCY (kHz)
THD
Figure 15. THD, Harmonics, and SFDR vs. Frequency
96
90
–55
125
TEMPERATURE (°C)
93
92
91
94
95
–35
–15
5
25
45
65
85
105
VIN = 0V TO 5V
VIN = 0V TO 10V
VIN = ±5V
VIN = ±10V
Figure 16. SINAD vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com