Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7610BSTZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD7610BSTZ
Description  16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7610BSTZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7610BSTZ Datasheet HTML 9Page - Analog Devices AD7610BSTZ Datasheet HTML 10Page - Analog Devices AD7610BSTZ Datasheet HTML 11Page - Analog Devices AD7610BSTZ Datasheet HTML 12Page - Analog Devices AD7610BSTZ Datasheet HTML 13Page - Analog Devices AD7610BSTZ Datasheet HTML 14Page - Analog Devices AD7610BSTZ Datasheet HTML 15Page - Analog Devices AD7610BSTZ Datasheet HTML 16Page - Analog Devices AD7610BSTZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
AD7610
Rev. 0 | Page 13 of 32
–96
–124
–55
125
TEMPERATURE (°C)
–108
–112
–116
–104
–100
–35
–15
5
25
45
65
85
105
–120
VIN = 0V TO 5V
VIN = 0V TO 10V
VIN = ±5V
VIN = ±10V
Figure 17. THD vs. Temperature
–5
–4
–3
–2
–1
0
1
2
3
4
5
–55
–35
–15
5
25
45
65
85
105
125
ZERO ERROR
POSITIVE FS ERROR
NEGATIVE FS ERROR
TEMPERATURE (°C)
Figure 18. Zero Error, Positive and Negative Full Scale vs. Temperature
60
0
08
REFERENCE DRIFT (ppm/°C)
10
20
30
40
50
1234
567
Figure 19. Reference Voltage Temperature Coefficient Distribution (247 Devices)
126
108
–55
125
TEMPERATURE (°C)
120
118
116
122
124
–35
–15
5
25
45
65
85
105
VIN = 0V TO 5V
VIN = 0V TO 10V
VIN = ±5V
VIN = ±10V
114
112
110
Figure 20. SFDR vs. Temperature (Excludes Harmonics)
4.996
4.998
5.000
5.002
5.004
5.006
5.008
5.010
5.012
TEMPERATURE (°C)
–55
–35
–15
5
25
45
65
85
105
125
Figure 21. Typical Reference Voltage Output vs. Temperature (3 Devices)
100000
0.001
1000000
SAMPLING RATE (SPS)
100
10
10
100
1000
10000
100000
1000
1
0.1
0.01
10000
PDREF = PDBUF = HIGH
OVDD
AVDD
DVDD
VCC +15V
VEE –15V
ALL MODES
Figure 22. Operating Currents vs. Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com