Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B520CE Datasheet(PDF) 2 Page - Diodes Incorporated

Part # B520CE
Description  5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B520CE Datasheet(HTML) 2 Page - Diodes Incorporated

  B520CE Datasheet HTML 1Page - Diodes Incorporated B520CE Datasheet HTML 2Page - Diodes Incorporated B520CE Datasheet HTML 3Page - Diodes Incorporated B520CE Datasheet HTML 4Page - Diodes Incorporated B520CE Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
B520CE - B530CE - B540CE
Document number: DS39459 Rev. 3 - 3
2 of 5
www.diodes.com
December 2019
© Diodes Incorporated
B520CE - B530CE - B540CE
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
B520CE
B530CE
B540CE
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
V
Average Rectified Output Current
IO
5.0
A
Non-Repetitive Peak Forward Surge Current, 8.3ms
Single Half-Sine-Wave Superimposed on Rated Load
IFSM
150
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance Junction to Ambient (Note 5)
RθJA
50
°C/W
Typical Thermal Resistance Junction to Case (Note 5)
RθJC
20
°C/W
Storage Temperature Range
TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage Drop
VF
—
0.49
0.42
0.55
—
V
IF = 5.0A, TA = +25°C
IF = 5.0A, TA = +125°C
B520CE
Leakage Current (Note 6)
B530CE
B540CE
IR
—
—
—
—
—
—
—
4.0
0.1
0.2
0.2
—
mA
VR = 20V, TA = +25°C
VR = 30V, TA = +25°C
VR = 40V, TA = +25°C
VR = 40V, TA = +125°C
Typical Capacitance
CT
—
340
—
pF
VR = 4V, f = 1MHz
Notes:
5. Device mounted on FR-4 substrate, 1"*1", 2oz, single-sided, PC boards with 0.56"*0.73".
6. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com