Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMNH6035SPDWQ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMNH6035SPDWQ
Description  60V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMNH6035SPDWQ Datasheet(HTML) 2 Page - Diodes Incorporated

  DMNH6035SPDWQ Datasheet HTML 1Page - Diodes Incorporated DMNH6035SPDWQ Datasheet HTML 2Page - Diodes Incorporated DMNH6035SPDWQ Datasheet HTML 3Page - Diodes Incorporated DMNH6035SPDWQ Datasheet HTML 4Page - Diodes Incorporated DMNH6035SPDWQ Datasheet HTML 5Page - Diodes Incorporated DMNH6035SPDWQ Datasheet HTML 6Page - Diodes Incorporated DMNH6035SPDWQ Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMNH6035SPDWQ
Document number: DS40225 Rev. 8 - 2
2 of 7
www.diodes.com
March 2023
© 2023 Copyright Diodes Incorporated. All Rights Reserved.
DMNH6035SPDWQ
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current, VGS = 10V (Note 6)
TC = +25°C
TC = +100°C
ID
33
21
A
Maximum Body Diode Forward Current (Note 6)
IS
33
A
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
132
A
Pulsed Source Current (10µs Pulse, Duty Cycle = 1%)
ISM
132
A
Avalanche Current, L = 1mH
IAS
21.4
A
Avalanche Energy, L = 1mH
EAS
230
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
62
°C/W
Total Power Dissipation
TA = +25°C
PD
2.4
W
Thermal Resistance, Junction to Case (Note 6)
RθJC
2.2
°C/W
Total Power Dissipation
TC = +25°C
PD
68
W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +175
°C
Electrical Characteristics N-Channel (@TC = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
60
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
IDSS
1
µA
VDS = 60V, VGS = 0V
Gate-Source Leakage
IGSS
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
1
3
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)
24
35
m
Ω
VGS = 10V, ID = 15A
33
44
VGS = 4.5V, ID = 10A
Diode Forward Voltage
VSD
0.75
1.2
V
VGS = 0V, IS = 2.6A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
879
pF
VDS = 25V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
227
Reverse Transfer Capacitance
Crss
17
Gate Resistance
RG
2.4
Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = 6V)
Qg
10
nC
VDS = 30V, ID = 20A
Total Gate Charge (VGS = 10V)
Qg
16
Gate-Source Charge
Qgs
2
Gate-Drain Charge
Qgd
4.9
Turn-On Delay Time
tD(ON)
3.8
ns
VDD = 30V,
VGS = 10V, RG = 4.7Ω, ID = 20A
Turn-On Rise Time
tR
7.7
Turn-Off Delay Time
tD(OFF)
19.5
Turn-Off Fall Time
tF
5.8
Body Diode Reverse Recovery Time
tRR
28
ns
IF = 20A, di/dt = 100A/μs
Body Diode Reverse Recovery Charge
QRR
28
nC
IF = 20A, di/dt = 100A/μs
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate; measured with 1 channel active.
6. Thermal resistance from junction to solder point (on the exposed drain pin); measured with 1 channel active.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com