Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT-12GS Datasheet(PDF) 1 Page - RAYEX ELECTRONICS CO., LTD

Part # LT-12GS
Description  LT SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAYEX [RAYEX ELECTRONICS CO., LTD]
Direct Link  https://www.relay-rayex.com/
Logo RAYEX - RAYEX ELECTRONICS CO., LTD

LT-12GS Datasheet(HTML) 1 Page - RAYEX ELECTRONICS CO., LTD

  LT-12GS Datasheet HTML 1Page - RAYEX ELECTRONICS CO., LTD LT-12GS Datasheet HTML 2Page - RAYEX ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Coil Nominal
Voltage
(VDC)
Resistance Tol. 10%
±
(Ohms)
Nominal Current
(mA)
Maximum
Pick Up
Voltage (V)
Minimum
Drop Out
Voltage (V)
3
5
6
9
12
24
2.1
3.5
4.2
6.3
8.4
16.8
0.3
0.5
0.6
0.9
1.2
2.4
48
33.6
4.8
0.45W
0.33W
0.45W
0.33W
20
56
80
180
320
1,280
4,600
27
75
110
250
440
1,750
150.0
89.2
75.0
50.0
37.5
18.7
10.4
111.1
62.5
54.5
36.0
30.0
13.4
LT SERIES
·Employment of suitable plastic materials to be applied
to high temperature and various chemical solution
·Power consumption: 0.33W~0.45W
·Using at cooking appliances, air conditioners, audio
equipments, domestic appliances, car control units, etc.
FEATURES
ORDERING INFORMATION
COIL DATA(0.45W,0.33W, at 25 )
C
12
LT
1. Type
2.
Coil Nominal Voltage
3
. Contact Rating
G : 10A
4. Coil Sensitivity
Nil : 0.45W
S : 0.33W
1
2
G
3
S
4
RAYEX ELEC.ISSUED RECOY INT’L.


Similar Part No. - LT-12GS

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
LT-100 LSTD-LT-100 Datasheet
458Kb / 2P
Real-Time vehicle tracking and monitoring
logo
FOTEK CONTROLS CO., LTD...
LT-150MX FOTEK-LT-150MX Datasheet
1Mb / 1P
THRU BEAM TYPE PHOTO SENSOR
logo
Carling Technologies
LT-1510-1 CARLINGTECH-LT-1510-1 Datasheet
645Kb / 3P
Toggle Switches
LT-1510-4 CARLINGTECH-LT-1510-4 Datasheet
645Kb / 3P
Toggle Switches
LT-1510-5 CARLINGTECH-LT-1510-5 Datasheet
645Kb / 3P
Toggle Switches
More results

Similar Description - LT-12GS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRM-315-LT ETC2-TRM-315-LT Datasheet
823Kb / 13P
LT SERIES TRANSCEIVER MODULE DATA
logo
Weidmuller
0205700000 WEIDMULLER-0205700000 Datasheet
532Kb / 1P
SAKT 1/LT SAKT 2/LT
logo
M-System Co.,Ltd.
LTHZ MSYSTEM-LTHZ Datasheet
107Kb / 3P
Power Transducer Series LT-UNIT
LTRPN MSYSTEM-LTRPN Datasheet
125Kb / 3P
Power Transducer Series LT-UNIT
LTRP MSYSTEM-LTRP Datasheet
156Kb / 7P
Power Transducer Series LT-UNIT
LTPFUN MSYSTEM-LTPFUN Datasheet
115Kb / 3P
Power Transducer Series LT-UNIT
LTPFU MSYSTEM-LTPFU Datasheet
121Kb / 4P
Power Transducer Series LT-UNIT
LTPE MSYSTEM-LTPE Datasheet
99Kb / 3P
Power Transducer Series LT-UNIT
LTPA MSYSTEM-LTPA Datasheet
118Kb / 3P
Power Transducer Series LT-UNIT
logo
Linx Technologies
TRM-315-LT LINX-TRM-315-LT Datasheet
1Mb / 19P
LT Series Transceiver Module
2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com