Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC124TEF Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PDTC124TEF
Description  NPN resistor-equipped transistors; R1 = 22 kΩ, R2 = open
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC124TEF Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PDTC124TEF Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDTC124TEF Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTC124TEF Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTC124TEF Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC124TEF Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC124TEF Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC124TEF Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC124TEF Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC124TEF Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
2004 Aug 13
3
NXP Semiconductors
Product data sheet
NPN resistor-equipped transistors;
R1 = 22 k
Ω, R2 = open
PDTC124T series
SIMPLIFIED OUTLINE, SYMBOL AND PINNING
TYPE NUMBER
SIMPLIFIED OUTLINE AND SYMBOL
PINNING
PIN
DESCRIPTION
PDTC124TS
1
base
2
collector
3
emitter
PDTC124TE
1
base
PDTC124TEF
2
emitter
PDTC124TK
3
collector
PDTC124TT
PDTC124TU
PDTC124TM
1
base
2
emitter
3
collector
handbook, halfpage
MAM361
1
2
3
2
3
1
R1
handbook, halfpage
MDB270
1
2
3
Top view
R1
1
2
3
handbook, halfpage
MHC507
1
2
3
R1
2
1
3
Bottom view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com