Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24AA024 Datasheet(PDF) 19 Page - Microchip Technology

Part # 24AA024
Description  2K I2C Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA024 Datasheet(HTML) 19 Page - Microchip Technology

Back Button 24AA024 Datasheet HTML 14Page - Microchip Technology 24AA024 Datasheet HTML 15Page - Microchip Technology 24AA024 Datasheet HTML 16Page - Microchip Technology 24AA024 Datasheet HTML 17Page - Microchip Technology 24AA024 Datasheet HTML 18Page - Microchip Technology 24AA024 Datasheet HTML 19Page - Microchip Technology 24AA024 Datasheet HTML 20Page - Microchip Technology 24AA024 Datasheet HTML 21Page - Microchip Technology 24AA024 Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
 2004 Microchip Technology Inc.
DS21210G-page 19
24AA024/24LC024/24AA025/24LC025
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Sales and Support
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
Device:
24AA024: 1.8V, 2 Kbit Addressable Serial EEPROM with
WP pin.
24AA024T:1.8V, 2 Kbit Addressable Serial EEPROM
(Tape and Reel) with WP pin.
24LC024: 2.5V, 2 Kbit Addressable Serial EEPROM with
WP pin.
24LC024T:2.5V, 2 Kbit Addressable Serial EEPROM
(Tape and Reel) with WP pin.
24AA025: 1.8V, 2 Kbit Addressable Serial EEPROM with
no WP pin.
24AA025T:1.8V, 2 Kbit Addressable Serial EEPROM
(Tape and Reel) with no WP pin.
24LC025: 2.5V, 2 Kbit Addressable Serial EEPROM
(Tape and Reel) with no WP pin.
24LC025T:2.5V, 2 Kbit Addressable Serial EEPROM
(Tape and Reel) with no WP pin.
Temperature Range:
I
=
-40°C to +85°C
Package:
P
= Plastic DIP, (300 mil Body), 8-lead
SN
= Plastic SOIC, (150 mil Body)
ST
= TSSOP, 8-lead
MS
= MSOP, 8-lead
PART NO.
X
/XX
Package
Temperature
Range
Device
Examples:
a)
24AA024-I/P:
Industrial
Temperature,
1.8V, PDIP Package
b)
24AA024-I/SN: Industrial Temperature,
1.8V, SOIC Package
c)
24AA025T-I/ST: Industrial Temperature,
1.8V, TSSOP Package, Tape and Reel,
no WP
d)
24LC024-I/P:
Industrial
Temperature,
2.5V, PDIP Package
e)
24LC024-I/MS: Industrial Temperature,
2.5V, MSOP Package, Tape and Reel
f)
24LC025-T-I/SN: Industrial Temperature,
2.5V, SOIC Package, Tape and Reel, No
WP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com