Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC024 Datasheet(PDF) 3 Page - Microchip Technology

Part # 24LC024
Description  2K I2C Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC024 Datasheet(HTML) 3 Page - Microchip Technology

  24LC024 Datasheet HTML 1Page - Microchip Technology 24LC024 Datasheet HTML 2Page - Microchip Technology 24LC024 Datasheet HTML 3Page - Microchip Technology 24LC024 Datasheet HTML 4Page - Microchip Technology 24LC024 Datasheet HTML 5Page - Microchip Technology 24LC024 Datasheet HTML 6Page - Microchip Technology 24LC024 Datasheet HTML 7Page - Microchip Technology 24LC024 Datasheet HTML 8Page - Microchip Technology 24LC024 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
 2004 Microchip Technology Inc.
DS21210G-page 3
24AA024/24LC024/24AA025/24LC025
TABLE 1-2:
AC CHARACTERISTICS
FIGURE 1-1:
BUS TIMING DATA
All parameters apply across the specified
operating ranges unless otherwise noted.
VCC = 1.8V to 5.5V
Industrial (I):
TA = -40°C to +85°C
Parameter
Symbol
STD MODE
Vcc = 2.5V - 5.5V
FAST MODE
Units
Remarks
Min.
Max.
Min.
Max.
Clock frequency
FCLK
—
100
—
400
kHz
—
Clock high time
THIGH
4000
—
600
—
ns
—
Clock low time
TLOW
4700
—
1300
—
ns
—
SDA and SCL rise time
TR
—
1000
—
300
ns
(Note 1)
SDA and SCL fall time
TF
—
300
—
300
ns
(Note 1)
Start condition hold time
THD:STA
4000
—
600
—
ns
After this period the first
clock pulse is generated
Start condition setup time
TSU:STA
4700
—
600
—
ns
Only relevant for repeated
Start condition
Data input hold time
THD:DAT
0—
0
—
ns
(Note 2)
Data input setup time
TSU:DAT
250
—
100
—
ns
—
Stop condition setup time
TSU:STO
4000
—
600
—
ns
—
Output valid from clock
TAA
—
3500
—
900
ns
(Note 2)
Bus free time
TBUF
4700
—
1300
—
ns
Time the bus must be free
before a new transmission
can start
Output fall time from VIH
minimum to VIL maximum
TOF
—
250
20 +0.1
CB
250
ns
(Note 1), CB ≤ 100 pF
Input filter spike suppression
(SDA and SCL pins)
TSP
—
50
—
50
ns
(Note 3)
Write-cycle time
TWC
—
10
—
10
ms
Byte or Page mode
Endurance
1M
—
1M
—
cycles 25°C, (Note 4)
Note 1:
Not 100% tested. CB = total capacitance of one bus line in pF.
2:
As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region
(minimum 300 ns) of the falling edge of SCL to avoid unintended generation of Start or Stop conditions.
3:
The combined TSP and VHYS specifications are due to Schmitt Trigger inputs which provide improved
noise spike suppression. This eliminates the need for a TI specification for standard operation.
4:
This parameter is not tested but ensured by characterization. For endurance estimates in a specific
application, please consult the Total Endurance™ Model which can be downloaded at
www.microchip.com.
SCL
SDA
IN
TSU:STA
SDA
OUT
THD:STA
TLOW
THIGH
TR
TBUF
TAA
THD:DAT
TSU:DAT
TSU:STO
TSP
TF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com