Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC025 Datasheet(PDF) 11 Page - Microchip Technology

Part # 24LC025
Description  2K I2C Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC025 Datasheet(HTML) 11 Page - Microchip Technology

Back Button 24LC025 Datasheet HTML 7Page - Microchip Technology 24LC025 Datasheet HTML 8Page - Microchip Technology 24LC025 Datasheet HTML 9Page - Microchip Technology 24LC025 Datasheet HTML 10Page - Microchip Technology 24LC025 Datasheet HTML 11Page - Microchip Technology 24LC025 Datasheet HTML 12Page - Microchip Technology 24LC025 Datasheet HTML 13Page - Microchip Technology 24LC025 Datasheet HTML 14Page - Microchip Technology 24LC025 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
 2004 Microchip Technology Inc.
DS21210G-page 11
24AA024/24LC024/24AA025/24LC025
9.0
PACKAGING INFORMATION
9.1
Package Marking Information
XXXXXXXX
T/XXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
8-Lead SOIC (150 mil)
Example:
8-Lead TSSOP
Example:
24LC024
I/P13F
0319
24LC024
I/SN0319
13F
8-Lead MSOP
Example:
XXXX
TYWW
NNN
XXXXT
YWWNNN
4L24
I319
13F
4L24I
31913F
Legend: XX...X
Customer specific information*
T
Temperature grade
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard OTP marking consists of Microchip part number, year code, week code, and traceability code.
Part
Number
TSSOP
Marking Code
24AA024
4A24
24LC024
L24
24AA025
4A25
24LC025
L25
XXXXXXXX
T/XXYYWW
NNN
Part
Number
MSOP
Marking Code
24AA024
4A24I
24LC024
4L24I
24AA025
4A25I
24LC025
4L25I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com