Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24AA52IP Datasheet(PDF) 1 Page - Microchip Technology

Part # 24AA52IP
Description  2K 2.2V I2C Serial EEPROM with Software Write-Protect
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA52IP Datasheet(HTML) 1 Page - Microchip Technology

  24AA52IP Datasheet HTML 1Page - Microchip Technology 24AA52IP Datasheet HTML 2Page - Microchip Technology 24AA52IP Datasheet HTML 3Page - Microchip Technology 24AA52IP Datasheet HTML 4Page - Microchip Technology 24AA52IP Datasheet HTML 5Page - Microchip Technology 24AA52IP Datasheet HTML 6Page - Microchip Technology 24AA52IP Datasheet HTML 7Page - Microchip Technology 24AA52IP Datasheet HTML 8Page - Microchip Technology 24AA52IP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
 2004 Microchip Technology Inc.
DS21210G-page 1
24AA024/24LC024/24AA025/24LC025
Device Selection Table
Features
• Single supply with operation from 1.8V to 5.5V
• Low-power CMOS technology
- 1 mA active current typical
-1
µA standby current typical at 5.5V
• Organized as a single block of 256 bytes (256 x 8)
• Hardware write protection for entire array
(24XX024)
• 2-wire serial interface bus, I2C™ compatible
• 100 kHz and 400 kHz clock compatibility
• Page write buffer for up to 16 bytes
• Self-timed write cycle (including auto-erase)
• 10 ms max. write cycle time
• Address lines allow up to eight devices on bus
• 1,000,000 erase/write cycles
• ESD protection > 4,000V
• Data retention > 200 years
• 8-pin PDIP, SOIC, TSSOP and MSOP packages
• Available for extended temperature ranges
- Industrial (I): -40°C to +85°C
Pin Function Table
Description
The Microchip Technology Inc. 24AA024/24LC024/
24AA025/24LC025 is a 2 Kbit Serial Electrically
Erasable PROM with a voltage range of 1.8V to 5.5V.
The device is organized as a single block of 256 x 8-bit
memory with a 2-wire serial interface. Low current
design permits operation with typical standby and
active currents of only 1
µA and 1 mA, respectively.
The device has a page write capability for up to 16
bytes of data. Functional address lines allow the
connection of up to eight 24AA024/24LC024/
24AA025/24LC025 devices on the same bus for up to
16K bits of contiguous EEPROM memory. The device
is available in the standard 8-pin PDIP, 8-pin SOIC
(150 mil), TSSOP and MSOP packages.
Package Types
Block Diagram
Part
Number
VCC Range
Max
Clock
Temp.
Range
Write
Protect
24AA024 1.8V - 5.5V 400 KHz(1)
IYes
24AA025 1.8V - 5.5V 400 KHz(1)
INo
24LC024 2.5V - 5.5V
400 KHz
I
Yes
24LC025 2.5V - 5.5V
400 KHz
I
No
Note 1:
100 KHz for VCC < 2.5V
Name
Function
VSS
Ground
SDA
Serial Data
SCL
Serial Clock
VCC
1.8V to 5.5V Power Supply
A0, A1, A2
Chip Selects
WP
Hardware Write-Protect (24LC024)
Note:
*WP pin available only on 24XX024. This pin
has no internal connection on 24XX025.
PDIP/SOIC
TSSOP/MSOP
A0
A1
A2
VSS
VCC
WP*
SCL
SDA
1
2
3
4
8
7
6
5
A0
A1
A2
VSS
VCC
WP*
SCL
SDA
1
2
3
4
8
7
6
5
I/O
Control
Logic
Memory
Control
Logic
XDEC
HV Generator
EEPROM
Array
Write-Protect
Circuitry
YDEC
VCC
VSS
Sense Amp.
R/W Control
SDA SCL
A0 A1 A2
WP*
2K I2C™ Serial EEPROM


Similar Part No. - 24AA52IP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA52 MICROCHIP-24AA52 Datasheet
822Kb / 36P
EEPROM with Software Write-Protect
08/02/11
24AA52-/MC MICROCHIP-24AA52-/MC Datasheet
455Kb / 28P
2K 2.2V I2C??Serial EEPROM with Software Write-Protect
2005
24AA52-/MCG MICROCHIP-24AA52-/MCG Datasheet
455Kb / 28P
2K 2.2V I2C??Serial EEPROM with Software Write-Protect
2005
24AA52-/MS MICROCHIP-24AA52-/MS Datasheet
455Kb / 28P
2K 2.2V I2C??Serial EEPROM with Software Write-Protect
2005
24AA52-/MSG MICROCHIP-24AA52-/MSG Datasheet
455Kb / 28P
2K 2.2V I2C??Serial EEPROM with Software Write-Protect
2005
More results

Similar Description - 24AA52IP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA52 MICROCHIP-24AA52_05 Datasheet
455Kb / 28P
2K 2.2V I2C??Serial EEPROM with Software Write-Protect
2005
24VL024H MICROCHIP-24VL024H Datasheet
466Kb / 28P
2K I2C??Serial EEPROM with Half-Array Write-Protect
2008
34AA02 MICROCHIP-34AA02 Datasheet
399Kb / 32P
2K I2C??Serial EEPROM Software Write-Protect
2010
34VL02 MICROCHIP-34VL02 Datasheet
813Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
2008
34AA02 MICROCHIP-34AA02_11 Datasheet
602Kb / 36P
2K I2C??Serial EEPROM Software Write-Protect
2011
34LC02T-I MICROCHIP-34LC02T-I Datasheet
631Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
34AA02-I MICROCHIP-34AA02-I Datasheet
532Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
34LC02T-I MICROCHIP-34LC02T-I Datasheet
532Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
logo
ON Semiconductor
CAT24S64 ONSEMI-CAT24S64 Datasheet
124Kb / 12P
EEPROM Serial 64-Kb I2C with Software Write Protect
September, 2018 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com